Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPSMC Datasheet (PDF) - UN Semiconducctor INC

TPSMC Datasheet PDF - UN Semiconducctor INC
Part # TPSMC
Download  TPSMC Download
File Size   2868.68 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 12 To 91V 1500W Surface Mount Transient Voltage Suppressors

TPSMC Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSMC Datasheet PDF - UN Semiconducctor INC

Part # TPSMC
Download  TPSMC Click to download

File Size   2868.68 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 12 To 91V 1500W Surface Mount Transient Voltage Suppressors

TPSMC Datasheet (HTML) - UN Semiconducctor INC


TPSMC Product details

Features
Glass passivated chip
1500W peak pulse power capability with a 10/1000μs
waveform, repetitive rate (duty cycle):0.01%
High reliability application and automotive grade AEC Q101
qualified
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
Plastic package has Underwriters Laboratory Flammability 94V-0
Halogen free and RoHS compliant




Similar Part No. - TPSMC

ManufacturerPart #DatasheetDescription
logo
Anova Technologies CO.,...
TPSMC ANOVA-TPSMC Datasheet
307Kb / 3P
Surface Mount Transient Voltage Suppressors
logo
EIC discrete Semiconduc...
TPSMC10 EIC-TPSMC10 Datasheet
60Kb / 3P
AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
TPSMC10 VISHAY-TPSMC10 Datasheet
109Kb / 5P
Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
21-Oct-08
TPSMC10 VISHAY-TPSMC10 Datasheet
89Kb / 5P
Surface Mount PAR Transient Voltage Suppressors
09-Feb-11
logo
EIC discrete Semiconduc...
TPSMC10 EIC-TPSMC10 Datasheet
165Kb / 3P
AUTOMOTIVE SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - TPSMC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
15SMCJ WTE-15SMCJ Datasheet
64Kb / 5P
1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
1.5KE ZSELEC-1.5KE Datasheet
328Kb / 4P
1500W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
SMCJ5.0CA HUAXINAN-SMCJ5.0CA_V01 Datasheet
420Kb / 5P
1500W Transient Voltage Suppressors
1.5KE6.8CA HUAXINAN-1.5KE6.8CA_V01 Datasheet
365Kb / 5P
1500W Transient Voltage Suppressors
1.5SMBJ6.8CA HUAXINAN-1.5SMBJ6.8CA Datasheet
426Kb / 4P
1500W Transient Voltage Suppressors
logo
UN Semiconducctor INC
1.5SMC UNSEMI-1.5SMC Datasheet
3Mb / 7P
6.8 To 600V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
TPSMCJ UNSEMI-TPSMCJ Datasheet
2Mb / 6P
10 To 78V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
15SMBJ UNSEMI-15SMBJ Datasheet
3Mb / 6P
5.0 To 200V 1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMCJ-AT UNSEMI-SMCJ-AT Datasheet
2Mb / 6P
1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SMCJ UNSEMI-SMCJ Datasheet
4Mb / 8P
5.0 To 440V 1500W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com