Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UN78M12 Datasheet (PDF) - UN Semiconducctor INC

UN78M12 Datasheet PDF - UN Semiconducctor INC
Part # UN78M12
Download  UN78M12 Download
File Size   2496.56 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Three-Terminal Positive Voltage Regulator

UN78M12 Datasheet (PDF)

Go To PDF Page Download Datasheet
UN78M12 Datasheet PDF - UN Semiconducctor INC

Part # UN78M12
Download  UN78M12 Click to download

File Size   2496.56 Kbytes
Page   4 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Three-Terminal Positive Voltage Regulator

UN78M12 Datasheet (HTML) - UN Semiconducctor INC


UN78M12 Product details

Features
Maximum Output Current: IO=0.5A
Output Voltage: VO=12.0V
Continuous Total Dissipation: PD=1.25W




Similar Part No. - UN78M12

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UN78M05 UNSEMI-UN78M05 Datasheet
3Mb / 4P
Three-terminal positive voltage regulator
Revision March 1,2022
UN78M06 UNSEMI-UN78M06 Datasheet
2Mb / 4P
Three-Terminal Positive Voltage Regulator
Revision March 1,2022
UN78M08 UNSEMI-UN78M08 Datasheet
2Mb / 4P
Three-Terminal Positive Voltage Regulator
Revision March 1,2022
UN78M09 UNSEMI-UN78M09 Datasheet
3Mb / 5P
Three-terminal positive voltage regulator
Revision March 1,2022
More results


Similar Description - UN78M12

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
LM78L10 KEXIN-LM78L10 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
LM78L05 KEXIN-LM78L05 Datasheet
55Kb / 2P
Three-Terminal Positive Voltage Regulator
78M12 KEXIN-78M12 Datasheet
179Kb / 1P
Three-terminal Positive Voltage Regulator
LM78M06 KEXIN-LM78M06 Datasheet
54Kb / 2P
Three-Terminal Positive Voltage Regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ7815 WINNERJOIN-WEJ7815 Datasheet
162Kb / 1P
Three-terminal positive voltage regulator
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
Three-terminal positive voltage regulator
WEJ78L15-TO-92 WINNERJOIN-WEJ78L15-TO-92 Datasheet
164Kb / 1P
Three-terminal positive voltage regulator
WEJ78L06-TO-92 WINNERJOIN-WEJ78L06-TO-92 Datasheet
142Kb / 1P
Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
Three-terminal positive voltage regulator
78L05 LUGUANG-78L05 Datasheet
307Kb / 3P
Three-terminal positive voltage regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com