Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UNA-141N Datasheet (PDF) - UN Semiconducctor INC

UNA-141N Datasheet PDF - UN Semiconducctor INC
Part # UNA-141N
Download  UNA-141N Download
File Size   2741.36 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Spark Gap Protectors (SPG)

UNA-141N Datasheet (PDF)

Go To PDF Page Download Datasheet
UNA-141N Datasheet PDF - UN Semiconducctor INC

Part # UNA-141N
Download  UNA-141N Click to download

File Size   2741.36 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description Spark Gap Protectors (SPG)

UNA-141N Datasheet (HTML) - UN Semiconducctor INC


UNA-141N Product details

Features
Approximately zero leaking current before clamping voltage
Less decay at on/off state.
High capability to withstand repeated lightning strikes.
Low electrode capacitance( ≤ 1.0pF) and high isolation( ≥100MΩ).
RoHS compliant.
Bilateral symmetrical.
Temperature, humidity and lightness insensitive.
Operating temperature: -40℃ ~ +85℃
Storage temperature: -40℃ ~ +125℃
Meets MSL level 1, per J-STD-020




Similar Part No. - UNA-141N

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
UNA-141NSMD UNSEMI-UNA-141NSMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Similar Description - UNA-141N

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
logo
Socay Electornics Co., ...
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNA-SMD UNSEMI-UNA-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com