Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD14N05LSM Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

RFD14N05LSM Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # RFD14N05LSM
Download  RFD14N05LSM Download
File Size   668.74 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

RFD14N05LSM Datasheet (PDF)

Go To PDF Page Download Datasheet
RFD14N05LSM Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # RFD14N05LSM
Download  RFD14N05LSM Click to download

File Size   668.74 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 60V N-Channel MOSFET

RFD14N05LSM Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


RFD14N05LSM Product details

Features
Can be Driven Directly from CMOS, NMOS, and
TTL Circuits
Peak Current vs Pulse Width Curve
• 175℃ Operating Temperature
VDS (V) = 60V
•• RDS(ON) <100mΩ(VGS= 5V)




Similar Part No. - RFD14N05LSM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RFD14N05LSM FAIRCHILD-RFD14N05LSM Datasheet
119Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
Intersil Corporation
RFD14N05LSM INTERSIL-RFD14N05LSM Datasheet
74Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
April 1999
logo
Fairchild Semiconductor
RFD14N05LSM FAIRCHILD-RFD14N05LSM Datasheet
213Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
RFD14N05LSM FAIRCHILD-RFD14N05LSM Datasheet
214Kb / 8P
14A, 50V, 0.100 Ohm, Logic Level, N-Channel Power MOSFETs
logo
VBsemi Electronics Co.,...
RFD14N05LSM VBSEMI-RFD14N05LSM Datasheet
1,003Kb / 8P
N-Channel 60 V (D-S) MOSFET
More results


Similar Description - RFD14N05LSM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQD13N06 FAIRCHILD-FQD13N06 Datasheet
659Kb / 10P
60V N-Channel MOSFET
FQD20N06 FAIRCHILD-FQD20N06 Datasheet
660Kb / 9P
60V N-Channel MOSFET
FQP20N06 FAIRCHILD-FQP20N06 Datasheet
655Kb / 8P
60V N-Channel MOSFET
FQP30N06 FAIRCHILD-FQP30N06 Datasheet
660Kb / 8P
60V N-Channel MOSFET
FQP85N06 FAIRCHILD-FQP85N06 Datasheet
647Kb / 8P
60V N-Channel MOSFET
FQPF30N06 FAIRCHILD-FQPF30N06 Datasheet
645Kb / 8P
60V N-Channel MOSFET
FQPF50N06 FAIRCHILD-FQPF50N06 Datasheet
630Kb / 8P
60V N-Channel MOSFET
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
60V N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7000K TSC-TSM2N7000K Datasheet
187Kb / 5P
60V N-Channel MOSFET
TSM10N06 TSC-TSM10N06 Datasheet
302Kb / 6P
60V N-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com