Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L160DB70VI Datasheet (PDF) - Advanced Micro Devices

L160DB70VI Datasheet PDF - Advanced Micro Devices
Part # L160DB70VI
Download  L160DB70VI Download
File Size   1666.24 Kbytes
Page   52 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

L160DB70VI Datasheet (PDF)

Go To PDF Page Download Datasheet
L160DB70VI Datasheet PDF - Advanced Micro Devices

Part # L160DB70VI
Download  L160DB70VI Click to download

File Size   1666.24 Kbytes
Page   52 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory

L160DB70VI Datasheet (HTML) - Advanced Micro Devices


L160DB70VI Product details

GENERAL DESCRIPTION
The Am29LV160D is a 16 Mbit, 3.0 Volt-only Flash memory organized as 2,097,152 bytes or 1,048,576 words. The device is offered in 48-ball FBGA, 44-pin SO, and 48-pin TSOP packages. The word-wide data (x16) appears on DQ15–DQ0; the byte-wide (x8) data appears on DQ7–DQ0. This device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. A 12.0 V VPP or 5.0 VCC are not required for write or erase operations. The device can also be programmed in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
■ Single power supply operation
   — Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
   — Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility
       with high performance 3.3 volt microprocessors
■ Manufactured on 0.23 µm process technology
   — Fully compatible with 0.32 µm Am29LV160B device
■ High performance
   — Access times as fast as 70 ns
■ Ultra low power consumption (typical values at 5 MHz)
   — 200 nA Automatic Sleep mode current
   — 200 nA standby mode current
   — 9 mA read current
   — 20 mA program/erase current
■ Flexible sector architecture
   — One 16 Kbyte, two 8 Kbyte, one 32 Kbyte, and thirty-one 64 Kbyte sectors (byte mode)
   — One 8 Kword, two 4 Kword, one 16 Kword, and thirty-one 32 Kword sectors (word mode)
   — Supports full chip erase
   — Sector Protection features:
   — A hardware method of locking a sector to prevent any program or erase operations within that sector
   — Sectors can be locked in-system or via programming equipment Temporary Sector Unprotect feature allows code changes in previously locked sectors
■ Unlock Bypass Program Command
   — Reduces overall programming time when issuing multiple program command sequences
■ Top or bottom boot block configurations available
■ Embedded Algorithms
   — Embedded Erase algorithm automatically preprograms and erases the entire chip or any combination of designated sectors
   — Embedded Program algorithm automatically writes and verifies data at specified addresses
■ Minimum 1,000,000 write cycle guarantee per sector
■ 20-year data retention at 125°C
   — Reliable operation for the life of the system
■ Package option
   — 48-ball FBGA
   — 48-pin TSOP
   — 44-pin SO
■ CFI (Common Flash Interface) compliant
   — Provides device-specific information to the system, allowing host software to easily reconfigure for different Flash devices
■ Compatibility with JEDEC standards
   — Pinout and software compatible with single power supply Flash
   — Superior inadvertent write protection
■ Data# Polling and toggle bits
   — Provides a software method of detecting program or erase operation completion
■ Ready/Busy# pin (RY/BY#)
   — Provides a hardware method of detecting program or erase cycle completion (not available on 44-pin SO)
■ Erase Suspend/Erase Resume
   — Suspends an erase operation to read data from, or program data to, a sector that is not being erased, then resumes the erase operation
■ Hardware reset pin (RESET#)
   — Hardware method to reset the device to reading array data




Similar Part No. - L160DB70VI

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
L160D NPM-L160D Datasheet
814Kb / 5P
Linear Shaft Motor
More results


Similar Description - L160DB70VI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV160B-1 AMD-AM29LV160B-1 Datasheet
695Kb / 48P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B Datasheet
649Kb / 46P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160D AMD-AM29LV160D Datasheet
1Mb / 49P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160DT-70EI AMD-AM29LV160DT-70EI Datasheet
1Mb / 50P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160B AMD-AM29LV160B_05 Datasheet
1Mb / 54P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
Excel Semiconductor Inc...
ES29LV160F EXCELSEMI-ES29LV160F Datasheet
1Mb / 71P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
logo
SPANSION
S29AL016J SPANSION-S29AL016J Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI010 SPANSION-S29AL016J70BFI010 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
AM29LV160DB-70EC SPANSION-AM29LV160DB-70EC Datasheet
1Mb / 52P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
S29AL016J70BFI020 SPANSION-S29AL016J70BFI020 Datasheet
1Mb / 58P
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com