Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD05 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SD05 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SD05
Download  SD05 Download
File Size   435.55 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional TVS Diodes

SD05 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD05 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SD05
Download  SD05 Click to download

File Size   435.55 Kbytes
Page   3 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Unidirectional TVS Diodes

SD05 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SD05 Product details

FEATURES

IEC61000-4-2 (ESD) #15kV (air), +8KkV
(contact)

IEC61000-4-4 (EFT) 40A (5/50ns)

350 Watts Peak Pulse Power per (tp=8/20ps)
Protects one 1/0 line (unidirectional)

Low clamping voltage

Working voltages : 3.3V to 36V

Low leakage current

APPLICATIONS

Cell Phone Handsets and Accessories
Microprocessor based equipment

Personal Digital Assistants (PDA's)
Notebooks, Desktops, and Servers

Portable Instrumentation

Networking and Telecom

Serial and Parallel Ports

Peripherals




Similar Part No. - SD05

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
ON Semiconductor
SD05 ONSEMI-SD05 Datasheet
216Kb / 2P
Low cap. diode array for 2 Line High Speed USB protection devic
Rev.1, Nov-2006
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
150Kb / 6P
Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Diodes Incorporated
SD05 DIODES-SD05 Datasheet
74Kb / 4P
UNI-DIRECTIONAL SURFACE MOUNT TVS
DS31594 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD05 SECOS-SD05 Datasheet
152Kb / 3P
300W Transient Voltage Suppressors Diode
More results


Similar Description - SD05

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
YSDAXX01P YEASHIN-YSDAXX01P Datasheet
894Kb / 3P
UNIDIRECTIONAL TVS DIODE
logo
SHIKUES Electronics
SD03 SKTECHNOLGY-SD03 Datasheet
740Kb / 3P
Unidirectional TVS Diodes
logo
Shanghai Leiditech Elec...
SD08 LEIDITECH-SD08 Datasheet
306Kb / 3P
Unidirectional TVS Diode
SDA08T1 LEIDITECH-SDA08T1 Datasheet
284Kb / 3P
UNIDIRECTIONAL TVS DIODE
SDA1501P LEIDITECH-SDA1501P Datasheet
636Kb / 3P
UNIDIRECTIONAL TVS DIODE
ULC9L5V LEIDITECH-ULC9L5V Datasheet
1Mb / 4P
UNIDIRECTIONAL TVS DIODE
logo
Rectron Semiconductor
TEPXX RECTRON-TEPXX Datasheet
192Kb / 5P
Unidirectional TVS Diodes
logo
Littelfuse
SC1105-01UTG LITTELFUSE-SC1105-01UTG Datasheet
1Mb / 6P
TVS Diode Arrays (SPA ? Diodes) SC11xx Series Discrete Unidirectional TVS Diode
Revision: 10/16/20
logo
AiT Semiconductor Inc.
SD03 AITSEMI-SD03 Datasheet
372Kb / 5P
350W UNIDIRECTIONAL TVS DIODES
REV1.0
logo
Shanghai Leiditech Elec...
ESD9X5.0ST5G LEIDITECH-ESD9X5.0ST5G Datasheet
326Kb / 3P
UNIDIRECTIONAL TVS DIODE
Rev : 01.06.2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com