Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

21_1023-C50-2-6111_N Datasheet (PDF) - Huber+Suhner, Inc.

21_1023-C50-2-6111_N Datasheet PDF - Huber+Suhner, Inc.
Part # 21_1023-C50-2-6111_N
Download  21_1023-C50-2-6111_N Download
File Size   159.34 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, 1.0/2.3 , 50 Ohm, Straight cable jack (female)

21_1023-C50-2-6111_N Datasheet (PDF)

Go To PDF Page Download Datasheet
21_1023-C50-2-6111_N Datasheet PDF - Huber+Suhner, Inc.

Part # 21_1023-C50-2-6111_N
Download  21_1023-C50-2-6111_N Click to download

File Size   159.34 Kbytes
Page   2 Pages
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.
Description COAXIAL CONNECTOR, 1.0/2.3 , 50 Ohm, Straight cable jack (female)

21_1023-C50-2-6111_N Datasheet (HTML) - Huber+Suhner, Inc.


21_1023-C50-2-6111_N Product details

Properties
• Suitable for the insertion
of layout connectors DIN
41612
• Fast and easy assembly
• Applicable in frequencies
up to 4 GHz




Similar Part No. - 21_1023-C50-2-6111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_1023-C50-2-3111_N HUBERSUHNER-21_1023-C50-2-3111_N Datasheet
154Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 , 50 Ohm, Straight cable jack (female)
More results


Similar Description - 21_1023-C50-2-6111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
33_1023-SMA-C50-1111_N HUBERSUHNER-33_1023-SMA-C50-1111_N Datasheet
732Kb / 2P
COAXIAL ADAPTER, 1.0/2.3 - SMA, 50 Ohm, plug / jack (male / female)
11_1023-C50-2-2111_N HUBERSUHNER-11_1023-C50-2-2111_N Datasheet
152Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 C50, 50 Ohm, Straight cable plug (male)
11_1023-C50-2-2111_NE-1 HUBERSUHNER-11_1023-C50-2-2111_NE-1 Datasheet
152Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 C50, 50 Ohm, Straight cable plug (male)
11_1023-C50-2-2113_N HUBERSUHNER-11_1023-C50-2-2113_N Datasheet
229Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 C50, 50 Ohm, Straight cable plug (male)
11_1023-C50-2-3111_N HUBERSUHNER-11_1023-C50-2-3111_N Datasheet
152Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 C50, 50 Ohm, Straight cable plug (male)
21_1023-C50-2-3111_N HUBERSUHNER-21_1023-C50-2-3111_N Datasheet
154Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 , 50 Ohm, Straight cable jack (female)
21_BNC-50-3-27133_N HUBERSUHNER-21_BNC-50-3-27133_N Datasheet
345Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight cable jack (female)
21_BNC-50-3-9133_N HUBERSUHNER-21_BNC-50-3-9133_N Datasheet
344Kb / 2P
COAXIAL CONNECTOR, BNC, 50 Ohm, Straight cable jack (female)
85_1023-C50-0-1111_N HUBERSUHNER-85_1023-C50-0-1111_N Datasheet
205Kb / 2P
COAXIAL CONNECTOR, 1.0/2.3 C50, 50 Ohm, Right angle PCB jack (female)
82_PC1-S50-0-200199_N HUBERSUHNER-82_PC1-S50-0-200199_N Datasheet
1Mb / 2P
COAXIAL CONNECTOR, PC 1.0, 50 Ohm, Straight PCB jack (female)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com