Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1341411 Datasheet (PDF) - PHOENIX CONTACT

1341411 Datasheet PDF - PHOENIX CONTACT
Part # 1341411
Download  1341411 Download
File Size   322.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/14-V-3,81-Y - PCB header

1341411 Datasheet (PDF)

Go To PDF Page Download Datasheet
1341411 Datasheet PDF - PHOENIX CONTACT

Part # 1341411
Download  1341411 Click to download

File Size   322.14 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/14-V-3,81-Y - PCB header

1341411 Datasheet (HTML) - PHOENIX CONTACT


1341411 Product details

PCB headers, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact surface: Tin,
contact connection type: Pin, number of rows: 2, number of positions: 14, product range: DD31H
2,2/..-V, pitch: 3.81 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.8
mm, number of solder pins per potential: 1, plug-in system: CONNEXIS DD, Pin connector
pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose, type of
packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Easy PCB replacement thanks to plug-in modules
• Contacts arranged in a double row enable high packing density in a compact area
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1341411

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1341414 PHOENIX-1341414 Datasheet
321Kb / 8P
DD31H 2,2/16-V-3,81-Y - PCB header
1341417 PHOENIX-1341417 Datasheet
321Kb / 8P
DD31H 2,2/18-V-3,81-Y - PCB header
More results


Similar Description - 1341411

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340620 PHOENIX-1340620 Datasheet
322Kb / 8P
DD31H 2,2/14-V-3,81-X - PCB header
1341386 PHOENIX-1341386 Datasheet
326Kb / 8P
DD31H 2,2/14-H-3,81-Y - PCB header
1341404 PHOENIX-1341404 Datasheet
322Kb / 8P
DD31H 2,2/ 8-V-3,81-Y - PCB header
1341409 PHOENIX-1341409 Datasheet
322Kb / 8P
DD31H 2,2/12-V-3,81-Y - PCB header
1341417 PHOENIX-1341417 Datasheet
321Kb / 8P
DD31H 2,2/18-V-3,81-Y - PCB header
1341420 PHOENIX-1341420 Datasheet
320Kb / 8P
DD31H 2,2/20-V-3,81-Y - PCB header
1341402 PHOENIX-1341402 Datasheet
321Kb / 8P
DD31H 2,2/ 6-V-3,81-Y - PCB header
1341398 PHOENIX-1341398 Datasheet
321Kb / 8P
DD31H 2,2/ 4-V-3,81-Y - PCB header
1341406 PHOENIX-1341406 Datasheet
322Kb / 8P
DD31H 2,2/10-V-3,81-Y - PCB header
1341414 PHOENIX-1341414 Datasheet
321Kb / 8P
DD31H 2,2/16-V-3,81-Y - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com