Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1535178 Datasheet (PDF) - PHOENIX CONTACT

1535178 Datasheet PDF - PHOENIX CONTACT
Part # 1535178
Download  1535178 Download
File Size   324.69 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/ 5-G1-3,5-LR P20THR - PCB header

1535178 Datasheet (PDF)

Go To PDF Page Download Datasheet
1535178 Datasheet PDF - PHOENIX CONTACT

Part # 1535178
Download  1535178 Click to download

File Size   324.69 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DMC 1,5/ 5-G1-3,5-LR P20THR - PCB header

1535178 Datasheet (HTML) - PHOENIX CONTACT


1535178 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of rows: 2, number of
positions: 5, product range: DMC 1,5/..-G1-LR-THR, pitch: 3.5 mm, mounting: THR soldering, pin
layout: Linear pinning, solder pin [P]: 2 mm, number of solder pins per potential: 1, plug-in
system: COMBICON DFMC 1,5, Pin connector pattern alignment: Standard, locking: Snap-in
locking, mounting: Lock + Release, type of packaging: packed in cardboard

Your advantages
• Designed for integration into the SMT soldering process
• Conductor connection on several levels enables higher contact density
• Small component size for applications where space is at a premium
• Automatic locking and intuitive release through Lock and Release operating lever in contrasting color




Similar Part No. - 1535178

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
153517 FESTO-153517 Datasheet
92Kb / 1P
Differential pressure regulator
4/19/22
logo
PHOENIX CONTACT
1535171 PHOENIX-1535171 Datasheet
319Kb / 9P
DMC 1,5/10-G1-3,5-LR P20THR - PCB header
1535173 PHOENIX-1535173 Datasheet
319Kb / 9P
DMC 1,5/ 9-G1-3,5-LR P20THR - PCB header
1535175 PHOENIX-1535175 Datasheet
319Kb / 9P
DMC 1,5/ 8-G1-3,5-LR P20THR - PCB header
1535176 PHOENIX-1535176 Datasheet
324Kb / 9P
DMC 1,5/ 7-G1-3,5-LR P20THR - PCB header
More results


Similar Description - 1535178

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1535159 PHOENIX-1535159 Datasheet
324Kb / 9P
DMC 1,5/20-G1-3,5-LR P20THR - PCB header
1535162 PHOENIX-1535162 Datasheet
324Kb / 9P
DMC 1,5/17-G1-3,5-LR P20THR - PCB header
1535169 PHOENIX-1535169 Datasheet
324Kb / 9P
DMC 1,5/11-G1-3,5-LR P20THR - PCB header
1535177 PHOENIX-1535177 Datasheet
324Kb / 9P
DMC 1,5/ 6-G1-3,5-LR P20THR - PCB header
1535179 PHOENIX-1535179 Datasheet
324Kb / 9P
DMC 1,5/ 4-G1-3,5-LR P20THR - PCB header
1535180 PHOENIX-1535180 Datasheet
324Kb / 9P
DMC 1,5/ 3-G1-3,5-LR P20THR - PCB header
1535182 PHOENIX-1535182 Datasheet
324Kb / 9P
DMC 1,5/ 2-G1-3,5-LR P20THR - PCB header
1535161 PHOENIX-1535161 Datasheet
324Kb / 9P
DMC 1,5/18-G1-3,5-LR P20THR - PCB header
1535163 PHOENIX-1535163 Datasheet
319Kb / 9P
DMC 1,5/16-G1-3,5-LR P20THR - PCB header
1535173 PHOENIX-1535173 Datasheet
319Kb / 9P
DMC 1,5/ 9-G1-3,5-LR P20THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com