Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903D Datasheet (PDF) - NXP Semiconductors

LM2903D Datasheet PDF - NXP Semiconductors
Part # LM2903D
Download  LM2903D Download
File Size   121.03 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual voltage comparator

LM2903D Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2903D Datasheet PDF - NXP Semiconductors

Part # LM2903D
Download  LM2903D Click to download

File Size   121.03 Kbytes
Page   6 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Low power dual voltage comparator

LM2903D Datasheet (HTML) - NXP Semiconductors


LM2903D Product details

DESCRIPTION
The LM193 series consists of two independent precision voltage comparators with an offset voltage specification as low as 2.0mV max. for two comparators which were designed specifically to operate from a single power supply over a wide range of voltag

FEATURES
• Wide single supply voltage range 2.0VDC to 36VDC or dual
    supplies ±1.0VDC, to ±18VDC
• Very low supply current drain (0.8mA) independent of supply
    voltage (2.0mW/comparator at 5.0VDC)
• Low input biasing current 25nA
• Low input offset current ±5nA and offset voltage ±2mV
• Input common-mode voltage range includes ground
• Differential input voltage range equal to the power supply voltage
• Low output 250mV at 4mA saturation voltage
• Output voltage compatible with TTL, DTL, ECL, MOS and CMOS
    logic systemses.

APPLICATIONS
• A/D converters
• Wide range VCO
• MOS clock generator
• High voltage logic gate
• Multivibrators




Similar Part No. - LM2903D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM2903D MOTOROLA-LM2903D Datasheet
136Kb / 6P
SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
STMicroelectronics
LM2903D STMICROELECTRONICS-LM2903D Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
logo
Texas Instruments
LM2903D TI-LM2903D Datasheet
413Kb / 18P
DUAL DIFFERENTIAL COMPARATORS
logo
ON Semiconductor
LM2903D ONSEMI-LM2903D Datasheet
115Kb / 10P
Low Offset Voltage Dual Comparators
October, 2004 ??Rev. 15
LM2903D ONSEMI-LM2903D Datasheet
107Kb / 10P
Low Offset Voltage Dual Comparators
March, 2006 ??Rev. 17
More results


Similar Description - LM2903D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
Low-power dual voltage comparator
08-Sep-2021
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
logo
STMicroelectronics
LM2903B STMICROELECTRONICS-LM2903B Datasheet
963Kb / 20P
Low-power dual voltage comparator
13-Dec-2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com