Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBR2U30P1 Datasheet (PDF) - Diodes Incorporated

SBR2U30P1 Datasheet PDF - Diodes Incorporated
Part # SBR2U30P1
Download  SBR2U30P1 Download
File Size   319.39 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SBR Super Barrier Rectifier

SBR2U30P1 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBR2U30P1 Datasheet PDF - Diodes Incorporated

Part # SBR2U30P1
Download  SBR2U30P1 Click to download

File Size   319.39 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 2.0A SBR Super Barrier Rectifier

SBR2U30P1 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - SBR2U30P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
SBR2U30P1-7 DIODES-SBR2U30P1-7 Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
SBR2U30P1 DIODES-SBR2U30P1_15 Datasheet
128Kb / 5P
2.0A SBR짰 SUPER BARRIER RECTIFIER POWERDI짰123
Rev erse
More results


Similar Description - SBR2U30P1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR2A30P1 DIODES-SBR2A30P1 Datasheet
306Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A30P1 Rev. 8 - 2
SBR2A40P1 DIODES-SBR2A40P1 Datasheet
336Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2A40P1 Rev. 5 - 2
SBR2M30P1 DIODES-SBR2M30P1 Datasheet
333Kb / 4P
2.0A SBR Surface Mount Super Barrier Rectifier
SBR2M30P1 Rev. 4 - 2
SBR10100CT DIODES-SBR10100CT Datasheet
178Kb / 3P
10A SBR Super Barrier Rectifier
SBR10100 Rev. 2
SBR20150CT DIODES-SBR20150CT Datasheet
177Kb / 3P
20A SBR Super Barrier Rectifier
SBR20150 Rev. 2
SBR30200CT DIODES-SBR30200CT Datasheet
177Kb / 3P
30A SBR Super Barrier Rectifier
SBR30200 Rev. 2
SBR2A40SA DIODES-SBR2A40SA Datasheet
119Kb / 4P
2.0A SBR SUPER BARRIER RECTIFIER SMA
DS31769 Rev. 2 - 2
SBR2A40BLP DIODES-SBR2A40BLP Datasheet
530Kb / 5P
2.0A SBR BRIDGE SUPER BARRIER RECTIFIER
Rev erse
SBR2U150SA DIODES-SBR2U150SA Datasheet
222Kb / 5P
2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
May 2013
SBR2U30SA DIODES-SBR2U30SA Datasheet
102Kb / 5P
2.0A SBR® SURFACE MOUNT SUPER BARRIER RECTIFIER
November 2011
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com