Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FB-TSB2-65 Datasheet (PDF) - Burland Technology Solutions

FB-TSB2-65 Datasheet PDF - Burland Technology Solutions
Part # FB-TSB2-65
Download  FB-TSB2-65 Download
File Size   627.45 Kbytes
Page   1 Pages
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions
Description FB-TSB2/65

FB-TSB2-65 Datasheet (PDF)

Go To PDF Page Download Datasheet
FB-TSB2-65 Datasheet PDF - Burland Technology Solutions

Part # FB-TSB2-65
Download  FB-TSB2-65 Click to download

File Size   627.45 Kbytes
Page   1 Pages
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions
Description FB-TSB2/65

FB-TSB2-65 Datasheet (HTML) - Burland Technology Solutions


FB-TSB2-65 Product details

Product Description
• Floor box manufactured from galvanised steel
• 25 & 20mm knockouts to accept flexible conduit
• Frame & lid moulded from high impact polycarbonate, colour
equivalent: RAL7031
• Galvanised lid insert for strength
• Easy grip recessed lifting handle
• Compact design 266 x 212mm floor cut-out
• Large range of accessory plates, colour equivalent: RAL7035
• Special plates available to order
• Clean Earth Sockets available
• ABS Plastic Frame & Lid Load Test 550 KG
• Steel Frame & Lid Load Test 740 KG
• Note: The 65mm depth floor box has restrictive cabling capacity




Similar Part No. - FB-TSB2-65

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
FB-TSB2-75 BURLAND-FB-TSB2-75 Datasheet
696Kb / 1P
FB-TSB2/75
More results


Similar Description - FB-TSB2-65

ManufacturerPart #DatasheetDescription
logo
Burland Technology Solu...
FB-TFB1 BURLAND-FB-TFB1 Datasheet
727Kb / 1P
FB-TFB1
FB-TFB2 BURLAND-FB-TFB2 Datasheet
788Kb / 1P
FB-TFB2
FB-TFB3-120 BURLAND-FB-TFB3-120 Datasheet
700Kb / 1P
FB-TFB3/120
FB-TFB3 BURLAND-FB-TFB3 Datasheet
718Kb / 1P
FB-TFB3
FB-TSB1-65 BURLAND-FB-TSB1-65 Datasheet
580Kb / 1P
FB-TSB1/65
FB-TSB2-75 BURLAND-FB-TSB2-75 Datasheet
696Kb / 1P
FB-TSB2/75
FB-TSB3-75 BURLAND-FB-TSB3-75 Datasheet
568Kb / 1P
FB-TSB3/75
FB-TSB3S-65-1 BURLAND-FB-TSB3S-65-1 Datasheet
614Kb / 1P
FB-TSB3S/65
FB-TSB3S-65 BURLAND-FB-TSB3S-65 Datasheet
614Kb / 1P
FB-TSB3S/65
FB-TSB4-65 BURLAND-FB-TSB4-65 Datasheet
508Kb / 1P
FB-TSB4/65
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com