Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB-PWDIST Datasheet (PDF) - Burland Technology Solutions

MB-PWDIST Datasheet PDF - Burland Technology Solutions
Part # MB-PWDIST
Download  MB-PWDIST Download
File Size   385.57 Kbytes
Page   1 Pages
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions
Description PowerDISTANCE WIRELESS CHARGE UP TO 35 MM AWAY

MB-PWDIST Datasheet (PDF)

Go To PDF Page Download Datasheet
MB-PWDIST Datasheet PDF - Burland Technology Solutions

Part # MB-PWDIST
Download  MB-PWDIST Click to download

File Size   385.57 Kbytes
Page   1 Pages
Manufacturer  BURLAND [Burland Technology Solutions]
Direct Link  https://www.burland.com/
Logo BURLAND - Burland Technology Solutions
Description PowerDISTANCE WIRELESS CHARGE UP TO 35 MM AWAY

MB-PWDIST Datasheet (HTML) - Burland Technology Solutions


MB-PWDIST Product details

General description
miniBatt PowerDISTANCE is the first Wireless charger to be installed under any organic surface
Wood, glass, ceramic…) and wireless charge at a distance up to 35 mm.
Thanks to its charging distance ratio It can easily be integrated into virtually any piece of furniture
just by sticking it under the surface without any previous modification on it.
With a 5V output, the new PowerDISTANCE is compatible with all Qi-supporting devices
including new iPhone and Samsung and has been approved with CE, RoHS and FCC certifications.
Designed and patented by miniBatt, this new product is the best solution for the incorporation of
a wireless tool.




Similar Part No. - MB-PWDIST

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results


Similar Description - MB-PWDIST

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP4060 POWER-LP4060 Datasheet
794Kb / 13P
Programmable Charge Current Up to 800mA
LP28012 POWER-LP28012 Datasheet
340Kb / 10P
Programmable Charge Current Up to 1200mA
LP28056 POWER-LP28056 Datasheet
477Kb / 9P
Programmable Charge Current Up to 1200mA
LP28400 POWER-LP28400 Datasheet
1Mb / 17P
Programmable Charge Current Up to 3000mA
LP78071 POWER-LP78071 Datasheet
825Kb / 16P
Programmable Charge Current Up to 1000mA
LP78090 POWER-LP78090 Datasheet
655Kb / 10P
Programmable Charge Current Up to 1000mA
LP78092 POWER-LP78092 Datasheet
451Kb / 10P
Programmable Charge Current Up to 1000mA
logo
Gennum Corporation
TS51231 GENNUM-TS51231 Datasheet
275Kb / 10P
Wireless power systems up to 5W output
logo
PHOENIX CONTACT
CUTFOX-12 PHOENIX-CUTFOX-12 Datasheet
49Kb / 2P
Cable cutter, for copper and aluminum up to 12 mm diameter (up to 35 mm짼)
logo
Burland Technology Solu...
MB-FS80B BURLAND-MB-FS80B Datasheet
511Kb / 1P
QI WIRELESS CHARGER FAST CHARGE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com