Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS-EAM-075SXXXSB Datasheet (PDF) - Inventronics Inc.

DS-EAM-075SXXXSB Datasheet PDF - Inventronics Inc.
Part # DS-EAM-075SXXXSB
Download  DS-EAM-075SXXXSB Download
File Size   546.61 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W A OC IP66/IP67 Driver with 440Vac Protection

DS-EAM-075SXXXSB Datasheet (PDF)

Go To PDF Page Download Datasheet
DS-EAM-075SXXXSB Datasheet PDF - Inventronics Inc.

Part # DS-EAM-075SXXXSB
Download  DS-EAM-075SXXXSB Click to download

File Size   546.61 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 75W A OC IP66/IP67 Driver with 440Vac Protection

DS-EAM-075SXXXSB Datasheet (HTML) - Inventronics Inc.


DS-EAM-075SXXXSB Product details

Features
 Input Over Voltage Protection at 440Vac with 48 Hours
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Potentiometer
 Non-dimming Control
 Input Surge Protection: DM 4kV, CM 6kV
 All-Around Protection: IOVP, OVP, SCP, OTP
 IP66/IP67
 5 Years Warranty
Description
The EAM-075SxxxSB series is a 75W, constant-current, AOC LED driver that operates from 90-305Vac input with
excellent power factor. It is created for many lighting applications including high bay, tunnel and roadway, etc. The
high efficiency of these drivers and compact metal case enables them to run cooler, significantly improving
reliability and extending product life. To ensure trouble-free operation, protection is provided against input surge,
input over voltage, output over voltage, short circuit, and over temperature.




Similar Part No. - DS-EAM-075SXXXSB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-100SXXXSB INVENTRONICS-DS-EAM-100SXXXSB Datasheet
546Kb / 10P
100W AOC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-150SXXXDB INVENTRONICS-DS-EAM-150SXXXDB Datasheet
776Kb / 13P
150W Programmable I P66/IP67 Driver
Rev.A
DS-EAM-200SXXXDB INVENTRONICS-DS-EAM-200SXXXDB Datasheet
787Kb / 12P
200W Programmable IP66/IP67 Driver
Rev.A
DS-EAM-200SXXXSB INVENTRONICS-DS-EAM-200SXXXSB Datasheet
699Kb / 12P
200W AOC IP66/IP67 Driver with 440Vac Protection
Rev . B
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
More results


Similar Description - DS-EAM-075SXXXSB

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-100SXXXSB INVENTRONICS-DS-EAM-100SXXXSB Datasheet
546Kb / 10P
100W AOC IP66/IP67 Driver with 440Vac Protection
Rev. C
DS-EAM-200SXXXSB INVENTRONICS-DS-EAM-200SXXXSB Datasheet
699Kb / 12P
200W AOC IP66/IP67 Driver with 440Vac Protection
Rev . B
DS-EAM-240SXXXSB INVENTRONICS-DS-EAM-240SXXXSB Datasheet
653Kb / 11P
240W AOC IP66/IP67 Driver with 440Vac Protection
Rev.A
DS-ESM-075SXXXDV INVENTRONICS-DS-ESM-075SXXXDV Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
DS_EAM-150SXXXSB INVENTRONICS-DS_EAM-150SXXXSB Datasheet
619Kb / 13P
150W A OC IP66/IP67 Driver with 440Vac Protection
Rev. E
EUK-075SXXXDVTV INVENTRONICS-EUK-075SXXXDVTV Datasheet
801Kb / 13P
75W Programmable IP67 Driver
Rev. D
EUK-075SXXXDT INVENTRONICS-EUK-075SXXXDT Datasheet
1Mb / 13P
75W Programmable IP67 Driver
Rev. C
EBC-075SXXXSV-000X INVENTRONICS-EBC-075SXXXSV-000X Datasheet
199Kb / 8P
75W Constant Current IP67 Driver
Rev. D
EBD-075SXXXDV INVENTRONICS-EBD-075SXXXDV Datasheet
1Mb / 12P
75W Programmable IP67 Driver
Rev. D
EUC-075SXXXDT INVENTRONICS-EUC-075SXXXDT Datasheet
1Mb / 12P
75W Constant Current IP67 Driver
Rev. S
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com