Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBS-080S105BT2 Datasheet (PDF) - Inventronics Inc.

EBS-080S105BT2 Datasheet PDF - Inventronics Inc.
Part # EBS-080S105BT2
Download  EBS-080S105BT2 Download
File Size   681.49 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 80W Class I/II NFC Driver with DALI-2 and D4i

EBS-080S105BT2 Datasheet (PDF)

Go To PDF Page Download Datasheet
EBS-080S105BT2 Datasheet PDF - Inventronics Inc.

Part # EBS-080S105BT2
Download  EBS-080S105BT2 Click to download

File Size   681.49 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 80W Class I/II NFC Driver with DALI-2 and D4i

EBS-080S105BT2 Datasheet (HTML) - Inventronics Inc.


EBS-080S105BT2 Product details

Features
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with NFC
 DALI-2 and D4i Certified
 AC Dim/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 0.5 W
 Always-on Auxiliary Power:
24Vdc, 125mA, 3W (Transient Peak Power up to 10W)
 Integrated 16Vdc Bus Power Supply Based on DALI-2
 Integrated Power Monitoring with High Accuracy up to ±1%
 Output Lumen Compensation
 End-of-Life Indicator
 Thermal Sensing and Protection for LED Module
 Long Lifetime Over 100K Hours at 75°C Case Temperature
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IUVP, IOVP, OVP, SCP, OTP
 IP20 Design and Suitable for Outdoor Applications in
Luminaires with IP>54
 Suitable for Luminaires with Protection Class I and II
 Complies with Zhaga Interface Specification Book 13
 8 Year Warranty




Similar Part No. - EBS-080S105BT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EBS-080S105DT2 INVENTRONICS-EBS-080S105DT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
More results


Similar Description - EBS-080S105BT2

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EBS-025SXXXBT2 INVENTRONICS-DS-EBS-025SXXXBT2 Datasheet
673Kb / 15P
25W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
DS-EBS-040SXXXBT2 INVENTRONICS-DS-EBS-040SXXXBT2 Datasheet
682Kb / 14P
40W Class I/II NFC Driver with DALI-2 and D4i
Rev.C
DS-EBS-080SXXXDT2 INVENTRONICS-DS-EBS-080SXXXDT2 Datasheet
607Kb / 12P
80W Class I/II Programmable IP20 Driver
Rev.C
DS-EBS-120SXXXBT2 INVENTRONICS-DS-EBS-120SXXXBT2 Datasheet
679Kb / 15P
120W Class I/II NFC Driver with DALI-2 and D4i
Rev.B
DS-EBS-165SXXXBT2 INVENTRONICS-DS-EBS-165SXXXBT2 Datasheet
683Kb / 14P
165W Class I/II NFC Driver with DALI-2 and D4i
Rev.A
ESM-240SXXXBX INVENTRONICS-ESM-240SXXXBX Datasheet
864Kb / 14P
240W NFC Driver with DALI-2 and D4i
Rev.C
ESM-320SXXXBX INVENTRONICS-ESM-320SXXXBX Datasheet
1,002Kb / 16P
320W NFC Driver with DALI-2 and D4i
Rev.B
ESM-480SXXXBG INVENTRONICS-ESM-480SXXXBG Datasheet
941Kb / 16P
480W NFC Driver with DALI-2 and D4i
Rev.B
ESM-680SXXXBG INVENTRONICS-ESM-680SXXXBG Datasheet
1Mb / 16P
680W NFC Driver with DALI-2 and D4i
Rev.B
EUD-600SXXXBV INVENTRONICS-EUD-600SXXXBV Datasheet
928Kb / 13P
600W Programmable I P67 Driver with DALI
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com