Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-150S210DT Datasheet (PDF) - Inventronics Inc.

ESD-150S210DT Datasheet PDF - Inventronics Inc.
Part # ESD-150S210DT
Download  ESD-150S210DT Download
File Size   681.21 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Pro grammable IP67 Driver

ESD-150S210DT Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD-150S210DT Datasheet PDF - Inventronics Inc.

Part # ESD-150S210DT
Download  ESD-150S210DT Click to download

File Size   681.21 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Pro grammable IP67 Driver

ESD-150S210DT Datasheet (HTML) - Inventronics Inc.


ESD-150S210DT Product details

Features
 Ultra High Efficiency (Up to 94.5%)
 Full Power at Wide Output Current Range (Constant Power)
 Thermal Sensing and Protection for LED Module
 0-10V/PWM/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 1.5 W
 Output Lumen Compensation
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP67 and UL Dry / Damp / Wet Location
 SELV Output
 TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
 5 Years Warranty
Description
The ESD-150SxxxDT series is a 150W, constant-current, programmable LED driver that operates from 249-528
Vac input with excellent power factor. Created for many lighting applications including high bay, tunnel and
roadway, it provides a dim-off mode with low standby power. The high efficiency of these drivers and compact
metal case enables them to run cooler, significantly improving reliability and extending product life. To ensure
trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and over
temperature.




Similar Part No. - ESD-150S210DT

ManufacturerPart #DatasheetDescription
logo
AG Electronica
ESD-15 AGELECTRONICA-ESD-15 Datasheet
262Kb / 1P
PINCETA CURVA ANTIESTATICA DE ACERO INOXIDABLE CON PUNTA FINA DE PRECISION
16/05/2023
More results


Similar Description - ESD-150S210DT

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUK-240SXXXDVTV INVENTRONICS-EUK-240SXXXDVTV Datasheet
2Mb / 14P
240W Pro grammable IP67 Driver
Rev.D
EUK-320SXXXDTTT INVENTRONICS-EUK-320SXXXDTTT Datasheet
843Kb / 14P
320W Pro grammable IP67 Driver
Rev. E
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
EUK-200SXXXDT INVENTRONICS-EUK-200SXXXDT Datasheet
940Kb / 14P
200W Pro grammable IP67 Driver
Rev. D
EUK-320SXXXDV INVENTRONICS-EUK-320SXXXDV Datasheet
880Kb / 15P
320W Pro grammable IP67 Driver
Rev. E
EBD-150SXXXDVA INVENTRONICS-EBD-150SXXXDVA Datasheet
561Kb / 11P
150W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com