Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1340709 Datasheet (PDF) - PHOENIX CONTACT

1340709 Datasheet PDF - PHOENIX CONTACT
Part # 1340709
Download  1340709 Download
File Size   379.12 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/ 8-FH-3,81-X - PCB connector

1340709 Datasheet (PDF)

Go To PDF Page Download Datasheet
1340709 Datasheet PDF - PHOENIX CONTACT

Part # 1340709
Download  1340709 Click to download

File Size   379.12 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description DD31H 2,2/ 8-FH-3,81-X - PCB connector

1340709 Datasheet (HTML) - PHOENIX CONTACT


1340709 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact connection
type: Pin, number of rows: 2, number of positions: 8, product range: DD31H 2,2/..-FH, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, pin layout:
Linear pinning, locking clip: - without locking clip, plug-in system: CONNEXIS DD, locking: Snapin
locking, mounting: Engagement nose, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Contacts arranged in a double row enable high packing density in a compact area
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1340709

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340700 PHOENIX-1340700 Datasheet
342Kb / 11P
M23-12S1N128004 - Cable connector
1340703 PHOENIX-1340703 Datasheet
345Kb / 12P
M23-12S1N1280DU - Cable connector
1340706 PHOENIX-1340706 Datasheet
388Kb / 11P
DD31H 2,2/20-PT-3,81-X - Feed-through plug
1340708 PHOENIX-1340708 Datasheet
376Kb / 10P
DD31H 2,2/ 6-FH-3,81-X - PCB connector
More results


Similar Description - 1340709

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1340386 PHOENIX-1340386 Datasheet
372Kb / 10P
D31H 2,2/ 4-FH-3,81-X - PCB connector
1340387 PHOENIX-1340387 Datasheet
372Kb / 10P
D31H 2,2/ 5-FH-3,81-X - PCB connector
1340388 PHOENIX-1340388 Datasheet
370Kb / 10P
D31H 2,2/ 8-FH-3,81-X - PCB connector
1340389 PHOENIX-1340389 Datasheet
369Kb / 10P
D31H 2,2/10-FH-3,81-X - PCB connector
1340480 PHOENIX-1340480 Datasheet
327Kb / 8P
DD31H 2,2/ 8-H-3,81-X - PCB header
1340720 PHOENIX-1340720 Datasheet
378Kb / 10P
DD31H 2,2/12-FH-3,81-X - PCB connector
1340708 PHOENIX-1340708 Datasheet
376Kb / 10P
DD31H 2,2/ 6-FH-3,81-X - PCB connector
1340721 PHOENIX-1340721 Datasheet
377Kb / 10P
DD31H 2,2/16-FH-3,81-X - PCB connector
1340606 PHOENIX-1340606 Datasheet
322Kb / 8P
DD31H 2,2/ 8-V-3,81-X - PCB header
1340711 PHOENIX-1340711 Datasheet
378Kb / 10P
DD31H 2,2/10-FH-3,81-X - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com