Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESV-320SXXXSV Datasheet (PDF) - Inventronics Inc.

ESV-320SXXXSV Datasheet PDF - Inventronics Inc.
Part # ESV-320SXXXSV
Download  ESV-320SXXXSV Download
File Size   391.54 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W Constant Voltage IP67 Driver

ESV-320SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
ESV-320SXXXSV Datasheet PDF - Inventronics Inc.

Part # ESV-320SXXXSV
Download  ESV-320SXXXSV Click to download

File Size   391.54 Kbytes
Page   8 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 320W Constant Voltage IP67 Driver

ESV-320SXXXSV Datasheet (HTML) - Inventronics Inc.


ESV-320SXXXSV Product details

Features
 Ultra High Efficiency (Up to 93.5%)
 Ultra High Input Voltage (249~528Vac)
 Constant Voltage Output
 Input Surge Protection: 6kV line-line, 10kV line-earth
 All-Around Protection: OCP, OVP, SCP, OTP
 Waterproof (IP67)
 SELV Output
 Suitable for Independent Use
 5 Years Warranty

Description
The ESV-320SxxxSV series is a 320W, constant-voltage IP67 LED driver that operates from 249~528 Vac input
with excellent power factor. It is created for many lighting applications including horticulture lighting,
architectural, and decorative. The high efficiency of these drivers enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.




Similar Part No. - ESV-320SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
ESV-320SXXXST INVENTRONICS-ESV-320SXXXST Datasheet
449Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
More results


Similar Description - ESV-320SXXXSV

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HVG-320 MEANWELL-HVG-320 Datasheet
139Kb / 7P
320W Constant Voltage Constant Current LED Driver
logo
Inventronics Inc.
DS-EBV-075SXXXSV INVENTRONICS-DS-EBV-075SXXXSV Datasheet
877Kb / 8P
75W Constant Voltage IP67 Driver
Rev. A
DS-ESD-320SXXXDT INVENTRONICS-DS-ESD-320SXXXDT Datasheet
748Kb / 15P
320W Programmable IP67 Driver
Rev. H
DS-ESD-320SXXXDV INVENTRONICS-DS-ESD-320SXXXDV Datasheet
1Mb / 14P
320W Programmable IP67 Driver
Rev. B
ESV-320SXXXST INVENTRONICS-ESV-320SXXXST Datasheet
449Kb / 8P
320W Constant Voltage IP67 Driver
Rev. A
EUP-320SXXXSV INVENTRONICS-EUP-320SXXXSV Datasheet
749Kb / 13P
320W AOC IP67 Driver
Rev. C
EUK-320SXXXDTTT INVENTRONICS-EUK-320SXXXDTTT Datasheet
843Kb / 14P
320W Pro grammable IP67 Driver
Rev. E
EUK-320SXXXDV INVENTRONICS-EUK-320SXXXDV Datasheet
880Kb / 15P
320W Pro grammable IP67 Driver
Rev. E
EUC-320SXXXDT INVENTRONICS-EUC-320SXXXDT Datasheet
1Mb / 13P
320W Constant Current IP67 Driver
Rev. E
EUC-320SXXXDV INVENTRONICS-EUC-320SXXXDV Datasheet
1Mb / 12P
320W Constant Current IP67 Driver
Rev. E
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com