Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15KP Datasheet (PDF) - UN Semiconducctor INC

15KP Datasheet PDF - UN Semiconducctor INC
Part # 15KP
Download  15KP Download
File Size   3293.0 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 17 To 280V 15000W Axial Lead Transient Voltage Suppressors (TVS)

15KP Datasheet (PDF)

Go To PDF Page Download Datasheet
15KP Datasheet PDF - UN Semiconducctor INC

Part # 15KP
Download  15KP Click to download

File Size   3293.0 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description 17 To 280V 15000W Axial Lead Transient Voltage Suppressors (TVS)

15KP Datasheet (HTML) - UN Semiconducctor INC


15KP Product details

Features
Glass passivated chip junction in P600 Package
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
15000W Peak power capability at 10 × 1000μs waveform Repetition
rate (duty cycle):0.01%
Fast response time: typically less than 1.0ps from 0 Volts to VBR min
Typical IR less than 2μA above 30V
High Temperature soldering: 260°C/40 seconds at terminals
Typical maximum temperature coefficient
ΔVBR = 0.1% × VBR@25°C× ΔT
Plastic package has Underwriters Laboratory Flammability 94V-0
Matte tin lead–free Plated
Halogen free and RoHS compliant
Typical failure mode is short from over-specified voltage or current
Whisker test is conducted based on JEDEC JESD201A per its table
4a and 4c
IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
ESD protection of data lines in accordance with
IEC 61000-4-2 (IEC801-2)
EFT protection of data lines in accordance with
IEC 61000-4-4 (IEC801-4)




Similar Part No. - 15KP

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
logo
EIC discrete Semiconduc...
15KP EIC-15KP Datasheet
42Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
15KP LITTELFUSE-15KP Datasheet
101Kb / 3P
Silicon Avalanche Diodes - 15000 Watt Axial Leaded Transient Voltage Suppressor
logo
Protek Devices
15KP PROTEC-15KP Datasheet
88Kb / 5P
POWER TVS COMPONENT
logo
New Jersey Semi-Conduct...
15KP NJSEMI-15KP Datasheet
481Kb / 3P
TRANSIENT VOLTAGE SUPPRESSOR
More results


Similar Description - 15KP

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
20KPA20A SOCAY-20KPA20A Datasheet
449Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
15KPA17A SOCAY-15KPA17A Datasheet
452Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
5KP5.0 SOCAY-5KP5.0 Datasheet
515Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
3KP5.0 SOCAY-3KP5.0 Datasheet
485Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
1.5KE6.8 SOCAY-1.5KE6.8 Datasheet
513Kb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
LCE6.5 SOCAY-LCE6.5 Datasheet
325Kb / 5P
Axial Lead Transient Voltage Suppressors (TVS)
8KP24A SOCAY-8KP24A Datasheet
414Kb / 3P
Axial Lead Transient Voltage Suppressors (TVS)
5KP SOCAY-5KP Datasheet
1Mb / 6P
Axial Lead Transient Voltage Suppressors (TVS)
Revision November 8, 2019
logo
DONGGUAN YOU FENG WEI E...
15KP17A YFWDIODE-15KP17A Datasheet
623Kb / 5P
15000W Axial Leaded Transient Voltage Suppressors
logo
UN Semiconducctor INC
15KPS UNSEMI-15KPS Datasheet
2Mb / 5P
Axial Lead Transient Voltage Suppressors 20 To 36V 15000W
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com