Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-200SXXXST Datasheet (PDF) - Inventronics Inc.

EUV-200SXXXST Datasheet PDF - Inventronics Inc.
Part # EUV-200SXXXST
Download  EUV-200SXXXST Download
File Size   681.74 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Constant Voltage IP67 Driver

EUV-200SXXXST Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-200SXXXST Datasheet PDF - Inventronics Inc.

Part # EUV-200SXXXST
Download  EUV-200SXXXST Click to download

File Size   681.74 Kbytes
Page   11 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 200W Constant Voltage IP67 Driver

EUV-200SXXXST Datasheet (HTML) - Inventronics Inc.


EUV-200SXXXST Product details

Features
High Efficiency (Up to 92.5%)
Constant Voltage Output
Input Surge Protection: DM 4kV, CM 6kV
All-Around Protection: OVP, OCP, SCP, OTP
IP67 and UL Dry / D amp / Wet Location
SELV
TYPE HL, for use in a Class I, Division 2 hazardous
Classified) location
5 Years Warranty

Description
The EUV-200SxxxST series is a 200W, constant-Voltage LED driver that operates from 90-305 Vac input with
excellent power factor. It is created for many lighting applications including high bay, high mast, sports and
roadway, etc. The high efficiency of these drivers and compact metal case enables them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, output over voltage, over current, short circuit, and over temperature.




Similar Part No. - EUV-200SXXXST

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-200SXXXSV INVENTRONICS-EUV-200SXXXSV Datasheet
738Kb / 11P
200W Constant Voltage IP67 Driver
Rev. S
More results


Similar Description - EUV-200SXXXST

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HBG-200 MEANWELL-HBG-200_19 Datasheet
2Mb / 9P
200W Constant Voltage Constant Current LED Driver
NPF-200 MEANWELL-NPF-200 Datasheet
997Kb / 7P
200W Constant VoltageConstant Current LED Driver
logo
Inventronics Inc.
DS-EBV-200SXXXSV INVENTRONICS-DS-EBV-200SXXXSV Datasheet
682Kb / 10P
200W Constant Voltage IP67 Driver
Rev. B
EUV-200SXXXSV INVENTRONICS-EUV-200SXXXSV Datasheet
738Kb / 11P
200W Constant Voltage IP67 Driver
Rev. S
EUD-200SXXXDTST-00A0 INVENTRONICS-EUD-200SXXXDTST-00A0 Datasheet
684Kb / 12P
200W Constant Current IP67 Driver
Rev.H
EBC-200SXXXSV-000X INVENTRONICS-EBC-200SXXXSV-000X Datasheet
874Kb / 8P
200W Constant Current IP67 Driver
Rev. D
EUC-200PXXXDT INVENTRONICS-EUC-200PXXXDT Datasheet
973Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev.L
EUC-200PXXXDV INVENTRONICS-EUC-200PXXXDV Datasheet
959Kb / 10P
200W Five-channel Constant Current IP67 Driver
Rev. L
EUC-200SXXXDT INVENTRONICS-EUC-200SXXXDT Datasheet
582Kb / 14P
200W Constant Current IP67 Driver
Rev. F
EUC-200SXXXDV INVENTRONICS-EUC-200SXXXDV Datasheet
534Kb / 12P
200W Constant Current IP67 Driver
Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com