Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-600SXXXSV Datasheet (PDF) - Inventronics Inc.

EUV-600SXXXSV Datasheet PDF - Inventronics Inc.
Part # EUV-600SXXXSV
Download  EUV-600SXXXSV Download
File Size   769.75 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description EUV-600S048ST

EUV-600SXXXSV Datasheet (PDF)

Go To PDF Page Download Datasheet
EUV-600SXXXSV Datasheet PDF - Inventronics Inc.

Part # EUV-600SXXXSV
Download  EUV-600SXXXSV Click to download

File Size   769.75 Kbytes
Page   7 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description EUV-600S048ST

EUV-600SXXXSV Datasheet (HTML) - Inventronics Inc.


EUV-600SXXXSV Product details

Features
Ultra High Efficiency (Up to 93%)
Constant Voltage Output
Input Surge Protection: DM 6kV, CM 10kV
All-Around Protection: OCP, OVP, SCP, OTP
IP67
SELV Output
5 Years Warranty

Description
The EUV-600SxxxSV series is a 600W, constant-voltage IP67 LED driver that operates from 90-305 Vac input
with excellent power factor. It is created for many lighting applications including architectural, decorative and
signage. The high efficiency of the driver and compact metal case enable them to run cooler, significantly
improving reliability and extending product life. To ensure trouble-free operation, protection is provided against
input surge, over current, output over voltage, short circuit, and over temperature.




Similar Part No. - EUV-600SXXXSV

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUV-600SXXXST INVENTRONICS-EUV-600SXXXST Datasheet
534Kb / 8P
600W Constant Voltage IP67 Driver
Rev. B
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com