Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUW-240DXXXDX Datasheet (PDF) - Inventronics Inc.

EUW-240DXXXDX Datasheet PDF - Inventronics Inc.
Part # EUW-240DXXXDX
Download  EUW-240DXXXDX Download
File Size   874.65 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP66/IP67 Tunable White Driver

EUW-240DXXXDX Datasheet (PDF)

Go To PDF Page Download Datasheet
EUW-240DXXXDX Datasheet PDF - Inventronics Inc.

Part # EUW-240DXXXDX
Download  EUW-240DXXXDX Click to download

File Size   874.65 Kbytes
Page   19 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 240W Programmable IP66/IP67 Tunable White Driver

EUW-240DXXXDX Datasheet (HTML) - Inventronics Inc.


EUW-240DXXXDX Product details

Features
 Adjust Color Temperature Continuously
 Adjust Intensity and Color Temperature Separately
 240W Max Each Channel with Total 240W load
 1% Min Each Channel with Total 10% Min Dimming
 Independent Dual Output Channels (Optional)
 Independent Dual Dimming Channels (Optional)
 Dim-to-Off (Optional)
 Channel 1 Power Transfer (Optional)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 1-5V/1-10V/10V PWM/3-Timer-Modes Dimmable
 Output Lumen Compensation
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP66/IP67 (DV model)
IP66 and UL Dry/Damp Location (DF model)
 TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty




Similar Part No. - EUW-240DXXXDX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUW-200D140DX INVENTRONICS-EUW-200D140DX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-200D420DX INVENTRONICS-EUW-200D420DX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
More results


Similar Description - EUW-240DXXXDX

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
DS-EAM-240SXXXDB INVENTRONICS-DS-EAM-240SXXXDB Datasheet
812Kb / 12P
240W Programmable IP66/IP67 Driver
Rev.A
DS-ESD-240SXXXDT INVENTRONICS-DS-ESD-240SXXXDT Datasheet
916Kb / 16P
240W Programmable IP67 Driver
Rev. F
ESM-240SXXXDX INVENTRONICS-ESM-240SXXXDX Datasheet
728Kb / 13P
240W Programmable IP66/IP67 Driver
Rev.C
EUW-040DXXXDX INVENTRONICS-EUW-040DXXXDX Datasheet
834Kb / 16P
40W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUW-060DXXXDX INVENTRONICS-EUW-060DXXXDX Datasheet
843Kb / 16P
60W Programmable IP66/IP67 Tunable White Driver
Rev.C
EUW-100DXXXDX INVENTRONICS-EUW-100DXXXDX Datasheet
871Kb / 19P
100W Programmable IP66 /IP67 Tunable White Driver
Rev.B
EUW-150DXXXDX INVENTRONICS-EUW-150DXXXDX Datasheet
872Kb / 19P
150W Programmable IP66 /IP67 Tunable White Driver
Rev.C
EUW-200DXXXDX INVENTRONICS-EUW-200DXXXDX Datasheet
912Kb / 19P
200W Programmable IP66/IP67 Tunable White Driver
Rev.B
EUD-240SXXXDTA INVENTRONICS-EUD-240SXXXDTA Datasheet
738Kb / 14P
240W Programmable IP67 Driver
Rev. D
EUD-240SXXXDT INVENTRONICS-EUD-240SXXXDT Datasheet
1Mb / 15P
240W Programmable IP67 Driver
Rev. G
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com