Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9236 Datasheet (PDF) - Analog Devices

AD9236 Datasheet PDF - Analog Devices
Part # AD9236
Download  AD9236 Download
File Size   1313.25 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 80 MSPS, 3 V A/D Converter

AD9236 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9236 Datasheet PDF - Analog Devices

Part # AD9236
Download  AD9236 Click to download

File Size   1313.25 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-Bit, 80 MSPS, 3 V A/D Converter

AD9236 Datasheet (HTML) - Analog Devices


AD9236 Product details

GENERAL DESCRIPTION

The AD9236 is a monolithic, single 3 V supply, 12-bit, 80 MSPS analog-to-digital converter featuring a high performance sample and-hold amplifier (SHA) and voltage reference. The AD9236 uses a multistage differential pipelined architecture with output error correction logic to provide 12-bit accuracy at 80 MSPS and guarantee no missing codes over the full operating temperature range.



FEATURES

Single 3 V supply operation (2.7 V to 3.6 V)

SNR = 70.4 dBc to Nyquist

SFDR = 87.8 dBc to Nyquist

Low power: 366 mW

Differential input with 500 MHz bandwidth

On-chip reference and sample-and-hold

DNL = ±0.4 LSB

Flexible analog input: 1 V p-p to 2 V p-p range

Offset binary or twos complement data format

Clock duty cycle stabilizer



APPLICATIONS

High end medical imaging equipment

IF sampling in communications receivers WCDMA, CDMA-One, CDMA-2000

Battery-powered instruments

Hand-held scopemeters

Low cost digital oscilloscopes

DTV subsystems



 




Similar Part No. - AD9236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9236 AD-AD9236 Datasheet
1Mb / 37P
12-Bit, 80 MSPS, 3 V A/D Converter
Rev. C
AD9236BCP-80EB AD-AD9236BCP-80EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
AD9236BCPZ-80 AD-AD9236BCPZ-80 Datasheet
1Mb / 37P
12-Bit, 80 MSPS, 3 V A/D Converter
Rev. C
AD9236BCPZRL7-80 AD-AD9236BCPZRL7-80 Datasheet
1Mb / 37P
12-Bit, 80 MSPS, 3 V A/D Converter
Rev. C
AD9236BRU-80EB AD-AD9236BRU-80EB Datasheet
902Kb / 28P
High Speed ADC USB FIFO Evaluation Kit
REV. 0
More results


Similar Description - AD9236

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9283 AD-AD9283 Datasheet
155Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV.B
AD9432 AD-AD9432 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9245 AD-AD9245 Datasheet
881Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
1/06-Rev. C to Rev. D
logo
National Semiconductor ...
ADC12C080 NSC-ADC12C080 Datasheet
451Kb / 24P
12-Bit, 65/80 MSPS A/D Converter
logo
Analog Devices
AD9283BRSZ-100 AD-AD9283BRSZ-100 Datasheet
231Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9236 AD-AD9236_15 Datasheet
1Mb / 36P
12-Bit, 80 MSPS, 3 V A/D Converter
REV. C
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9283 AD-AD9283_15 Datasheet
258Kb / 12P
8-Bit, 50 MSPS/80 MSPS/100 MSPS 3 V A/D Converter
REV. C
AD9236 AD-AD9236_17 Datasheet
1Mb / 37P
12-Bit, 80 MSPS, 3 V A/D Converter
Rev. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com