Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NEL-1K0S400MX Datasheet (PDF) - Inventronics Inc.

NEL-1K0S400MX Datasheet PDF - Inventronics Inc.
Part # NEL-1K0S400MX
Download  NEL-1K0S400MX Download
File Size   888.47 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Non-isolated 1000W Programmable Driver

NEL-1K0S400MX Datasheet (PDF)

Go To PDF Page Download Datasheet
NEL-1K0S400MX Datasheet PDF - Inventronics Inc.

Part # NEL-1K0S400MX
Download  NEL-1K0S400MX Click to download

File Size   888.47 Kbytes
Page   15 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description Non-isolated 1000W Programmable Driver

NEL-1K0S400MX Datasheet (HTML) - Inventronics Inc.


NEL-1K0S400MX Product details

Features
 Non-Isolated Design with Low Residual Output Voltage < 2kV
 No Afterglow
 Hot-plugging Protection
 Parallel LED Protection
 Ultra High Efficiency (Up to 97.5%)
 Full Power at Wide Output Current Range (Constant Power)
 Adjustable Output Current (AOC) with Programmability
 Isolated 0-10V/PWM/Resistor/3-Timer-Modes Dimmable
 INV Digital Dimming, UART Based Communication Protocol
 Adjustable Dimming Curve
 Dim-to-Off with Standby Power ≤ 0.5W
 Minimum Dimming Level with 5% or 10% Selectable
 Hold Time Adjustable
 Fade Time Adjustable
 Always-on Auxiliary Power: 12Vdc, 250mA
 Low Inrush Current
 Output Lumen Compensation
 End-of-Life Indicator
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: IOVP, IUVP, OVP, SCP, OTP
 IP66/IP67 and UL Dry/Damp/Wet Location
 TYPE HL, for Use in a Class I, Division 2 Hazardous
(Classified) Location
 5 Years Warranty




Similar Part No. - NEL-1K0S400MX

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NEL-200 MEANWELL-NEL-200 Datasheet
545Kb / 2P
200W Single Output Swtiching Power Supply
NEL-300 MEANWELL-NEL-300 Datasheet
537Kb / 2P
300W Single Output Switching Power Supply
NEL-400 MEANWELL-NEL-400 Datasheet
538Kb / 2P
400W Single Output Switching Power Supply
logo
Inventronics Inc.
NEL-400S140MP INVENTRONICS-NEL-400S140MP Datasheet
778Kb / 13P
400W Non-Isolated IP20 Driver
Rev.B
NEL-400S140MX INVENTRONICS-NEL-400S140MX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
More results


Similar Description - NEL-1K0S400MX

ManufacturerPart #DatasheetDescription
logo
COTEK ELECTRONIC IND. C...
AK-1000 COTEK-AK-1000 Datasheet
2Mb / 6P
1000W Programmable Single Output
22/02/16
logo
Inventronics Inc.
LMT-160SXXXSTF INVENTRONICS-LMT-160SXXXSTF Datasheet
415Kb / 10P
160W Non-isolated IP20 Driver
Rev. A
NEL-400SXXXMX INVENTRONICS-NEL-400SXXXMX Datasheet
799Kb / 13P
400W Non-Isolated Driver
Rev.B
NTL-600SXXXMX INVENTRONICS-NTL-600SXXXMX Datasheet
691Kb / 13P
600W Non-Isolated Driver
Rev.B
SSM-1K0SXXXMGR INVENTRONICS-SSM-1K0SXXXMGR Datasheet
2Mb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMGS INVENTRONICS-SSM-1K0SXXXMGS Datasheet
950Kb / 17P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SSM-1K0SXXXMX INVENTRONICS-SSM-1K0SXXXMX Datasheet
1,005Kb / 18P
1000W Programmable Driver with INV Digital Dimming
Rev.C
SUM-1K0SXXXMGR INVENTRONICS-SUM-1K0SXXXMGR Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-1K0SXXXMGS INVENTRONICS-SUM-1K0SXXXMGS Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.A
SUM-1K0SXXXMX INVENTRONICS-SUM-1K0SXXXMX Datasheet
1Mb / 19P
1000W Programmable Driver with INV Digital Dimming
Rev.B
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com