Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM-440SXXXHF Datasheet (PDF) - Inventronics Inc.

SSM-440SXXXHF Datasheet PDF - Inventronics Inc.
Part # SSM-440SXXXHF
Download  SSM-440SXXXHF Download
File Size   516.55 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 440W Programmable IP65 Driver

SSM-440SXXXHF Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM-440SXXXHF Datasheet PDF - Inventronics Inc.

Part # SSM-440SXXXHF
Download  SSM-440SXXXHF Click to download

File Size   516.55 Kbytes
Page   10 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 440W Programmable IP65 Driver

SSM-440SXXXHF Datasheet (HTML) - Inventronics Inc.


SSM-440SXXXHF Product details

Features
Ultra High Efficiency (Up to 95%)
Full Power at Wide Output Current Range (Constant Power)
Adjustable Output Current (AOC) with Programmability
Isolated 0-10V/10V PWM/Resistor Dimmable
Dim-to-Low-Voltage(DTLV)
Maximum Dimming Level with 9V or 10V Selectable
Fade-Time Adjustable
Output Lumen Compensation
End-of-Life Indicator
Input Surge Protection: DM 6kV, CM 6kV
All-Around Protection: OVP, SCP, OTP
IP65 and UL Dry/Damp Location
TYPE HL, for use in a Class I, Division 2 Hazardous
Classified) Location
5 Years Warranty
Description
The SSM-440SxxxHF series is a 440W, constant-current, programmable and IP65 rated LED driver that operates
from 249-528Vac input with excellent power factor. Created for many lighting applications including Horticulture,
High bay, etc. The high efficiency of this driver enables it to run cooler, significantly improving reliability and
extending product life. To ensure trouble-free operation, protection is provided against input surge, output over
voltage, short circuit, and over temperature.




Similar Part No. - SSM-440SXXXHF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SSM-440SXXXMF INVENTRONICS-SSM-440SXXXMF Datasheet
581Kb / 12P
440W Programmable IP65 Driver
Rev.A
More results


Similar Description - SSM-440SXXXHF

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
SSM-220SXXXHF INVENTRONICS-SSM-220SXXXHF Datasheet
513Kb / 10P
220W Programmable IP65 Driver
Rev.A
SSM-220SXXXMF INVENTRONICS-SSM-220SXXXMF Datasheet
585Kb / 11P
220W Programmable IP65 Driver
Rev.A
SSM-330SXXXHF INVENTRONICS-SSM-330SXXXHF Datasheet
519Kb / 10P
330W Programmable IP65 Driver
Rev.A
SSM-440SXXXMF INVENTRONICS-SSM-440SXXXMF Datasheet
581Kb / 12P
440W Programmable IP65 Driver
Rev.A
SUM-110SXXXHF INVENTRONICS-SUM-110SXXXHF Datasheet
588Kb / 12P
110W Programmable IP65 Driver
Rev.A
SUM-110SXXXMF INVENTRONICS-SUM-110SXXXMF Datasheet
650Kb / 13P
110W Programmable IP65 Driver
Rev.A
SUM-220SXXXHF INVENTRONICS-SUM-220SXXXHF Datasheet
545Kb / 11P
220W Programmable IP65 Driver
Rev.C
SUM-330SXXXHF INVENTRONICS-SUM-330SXXXHF Datasheet
498Kb / 11P
330W Programmable IP65 Driver
Rev.A
SUM-440SXXXHF INVENTRONICS-SUM-440SXXXHF Datasheet
549Kb / 11P
440W Programmable IP65 Driver
Rev.A
SUM-440SXXXMF INVENTRONICS-SUM-440SXXXMF Datasheet
616Kb / 12P
440W Programmable IP65 Driver
Rev.A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com