Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMF05CT1G Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SMF05CT1G Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SMF05CT1G
Download  SMF05CT1G Download
File Size   368.69 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Protects up to 5−Line in a Single SOT-363 Package

SMF05CT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF05CT1G Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SMF05CT1G
Download  SMF05CT1G Click to download

File Size   368.69 Kbytes
Page   4 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Protects up to 5−Line in a Single SOT-363 Package

SMF05CT1G Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SMF05CT1G Product details

Features
Protects up to 5−Line in a Single SOT-363 Package
Peak Power Dissipation − 100 W (8 x 20 s Waveform)
ESD Rating of Class 3B (Exceeding 8 kV) per Human Body Model
and Class C (Exceeding 400 V) per Machine Model.
Compliance with IEC 61000−4−2 (ESD) 15 kV (Air), 8 kV (Contact)
Flammability Rating of UL 94 V−0
Pb−Free Packages are Available*

Applications
Hand−Held Portable Applications
Networking and Telecom
Automotive Electronics
Serial and Parallel Ports
Notebooks, Desktops, Servers




Similar Part No. - SMF05CT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
124Kb / 6P
5?묹ine Transient Voltage Suppressor Array
August, 2005 ??Rev. 2
SMF05CT1G ONSEMI-SMF05CT1G Datasheet
133Kb / 4P
5-Line Transient Voltage Suppressor Array
February, 2012 ??Rev. 4
logo
Shanghai Leiditech Elec...
SMF05CT1G LEIDITECH-SMF05CT1G Datasheet
334Kb / 3P
Quad TVS Diode Array
Rev : 01.06.2018
More results


Similar Description - SMF05CT1G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMF05LC VISHAY-GMF05LC Datasheet
125Kb / 4P
ESD Protection Diode Array in SOT-363
02-Apr-04
logo
Central Semiconductor C...
CMKT3920 CENTRAL-CMKT3920 Datasheet
1Mb / 2P
50V, 200mA Dual, NPN Transistors in SOT-363 package
CMKTVS5-4 CENTRAL-CMKTVS5-4 Datasheet
1Mb / 2P
Low Capacitance, Quad TVS/Diode Array in SOT-363 package
logo
AVAGO TECHNOLOGIES LIMI...
MGA-6X563 AVAGO-MGA-6X563 Datasheet
86Kb / 1P
Current Adjustable Low Noise Amplifier in SOT-363 Package
logo
Continental Device Indi...
SOT-363 CDIL-SOT-363 Datasheet
300Kb / 3P
SOT-363 (6 Leads) SMD Plastic Package
logo
TriQuint Semiconductor
AG302-63 TRIQUINT-AG302-63_15 Datasheet
504Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
AG402-86 TRIQUINT-AG402-86_15 Datasheet
227Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
logo
Shanghai Semitech Semic...
SMF05C SEMITECH-SMF05C Datasheet
134Kb / 3P
Small SOT-363 SMT Package
logo
Vishay Siliconix
VESD05A5-06G VISHAY-VESD05A5-06G Datasheet
140Kb / 8P
Five-Line ESD Protection Diode Array in SOT-363
14-Feb-2019
logo
Qorvo, Inc
AG302-63G QORVO-AG302-63G Datasheet
646Kb / 5P
Lead-free/green/RoHS-compliant SOT-363 package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com