Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G04 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SN74LVC2G04 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SN74LVC2G04
Download  SN74LVC2G04 Download
File Size   721.45 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Designed for 1.65V to 5.5V VCC Operation

SN74LVC2G04 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74LVC2G04 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SN74LVC2G04
Download  SN74LVC2G04 Click to download

File Size   721.45 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Designed for 1.65V to 5.5V VCC Operation

SN74LVC2G04 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SN74LVC2G04 Product details

General Description
The SN74LVC2G04 is a high performance
dual inverter operating from a 1.65V to 5.5V
supply. This device is fabricated with advanced
CMOS technology to achieve ultra-high speed with
high output drive.

Features
Designed for 1.65V to 5.5V VCC Operation
● Overvoltage Tolerant Inputs
● 24 mA Balanced Output Sink and Source Capability
● Near Zero Static Supply Current Substantially
Reduces System Power Requirements
● These Devices are Pb−Free and are RoHS Compliant




Similar Part No. - SN74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
366Kb / 13P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
388Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
518Kb / 14P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
635Kb / 15P
DUAL INVERTER GATE
SN74LVC2G04 TI-SN74LVC2G04 Datasheet
737Kb / 16P
DUAL INVERTER GATE
More results


Similar Description - SN74LVC2G04

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74STX1GU04 PERICOM-PI74STX1GU04 Datasheet
154Kb / 4P
Unbuffered Inverter That Operates over the 1.65V to 5.5V VCC operating range
logo
List of Unclassifed Man...
FM24C02C ETC2-FM24C02C Datasheet
1Mb / 23P
Low Operation Voltage: VCC = 1.7V to 5.5V
logo
Maxim Integrated Produc...
MAX98356EVKIT MAXIM-MAX98356EVKIT Datasheet
2Mb / 20P
2.5V to 5.5V Single-Supply Operation
19-6408; Rev 0; 7/12
MAX98502EVKIT MAXIM-MAX98502EVKIT Datasheet
1Mb / 7P
2.5V to 5.5V Single-Supply Operation
19-6275; Rev 0; 4/12
MAX3160EEVKIT MAXIM-MAX3160EEVKIT Datasheet
160Kb / 7P
3V to 5.5V Single-Supply Operation
2007
logo
Guangdong Youtai Semico...
SN74AUP1G126 UMW-SN74AUP1G126 Datasheet
587Kb / 10P
Designed for 0.8V to 3.6V VCC Operation
SN74LVC1G125 UMW-SN74LVC1G125 Datasheet
695Kb / 10P
Designed for 1.65V to 5.5V VCC Operation
SN74LVC1G126 UMW-SN74LVC1G126 Datasheet
940Kb / 10P
Designed for 1.65V to 5.5V VCC Operation
SN74LVC2G04 UMW-SN74LVC2G04_V01 Datasheet
824Kb / 9P
Designed for 1.65V to 5.5V V CC Operation
SN74LVC2G14 UMW-SN74LVC2G14_V01 Datasheet
795Kb / 9P
Designed for 1.65V to 5.5V VCC Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com