Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP232E Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SP232E Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SP232E
Download  SP232E Download
File Size   961.31 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5 V-Powered,Multi-Channel RS-232 Drivers/Receivers

SP232E Datasheet (PDF)

Go To PDF Page Download Datasheet
SP232E Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP232E
Download  SP232E Click to download

File Size   961.31 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 5 V-Powered,Multi-Channel RS-232 Drivers/Receivers

SP232E Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SP232E Product details

Operate from Single +5 V Power Supply;
Guaranteed 120 kbps Data Rate;
Latchup Free;
ESD Protection ±2kV




Similar Part No. - SP232E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP232E SIPEX-SP232E Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232E EXAR-SP232E Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
logo
Sipex Corporation
SP232ECN SIPEX-SP232ECN Datasheet
217Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
SP232ECN SIPEX-SP232ECN Datasheet
124Kb / 15P
High-Performance RS-232 Line Drivers/Receivers
logo
Exar Corporation
SP232ECN-L EXAR-SP232ECN-L Datasheet
1Mb / 17P
High Performance RS-232 Line Drivers/Receivers
More results


Similar Description - SP232E

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP230A SIPEX-SP230A Datasheet
661Kb / 17P
5V Powered Multi-Channel RS-232 Drivers/Receivers
logo
STMicroelectronics
ST202B STMICROELECTRONICS-ST202B_08 Datasheet
711Kb / 17P
5 V powered multi-channel RS-232 drivers and receivers
11-Feb-2008
logo
Guangdong Youtai Semico...
MAX232ACSE UMW-MAX232ACSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232CSE UMW-MAX232CSE Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232D UMW-MAX232D Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232DR UMW-MAX232DR Datasheet
1Mb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232ESE UMW-MAX232ESE Datasheet
943Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
MAX232IDR UMW-MAX232IDR Datasheet
929Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ST232 UMW-ST232 Datasheet
959Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
ADM232AARNZ UMW-ADM232AARNZ Datasheet
960Kb / 6P
5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com