Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3232 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SP3232 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SP3232
Download  SP3232 Download
File Size   405.5 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS

SP3232 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP3232 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP3232
Download  SP3232 Click to download

File Size   405.5 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS

SP3232 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SP3232 Product details

DE SCRIPTION
The UMW SP3232EEN has two receivers and two drivers,
and a dual charge-pump circuit. The device meets the
requirements of TIA/EIA-232-F and provides the electrical
interface between an asynchronous communication controller and
the serial-port connector. The charge pump and four small external
capacitors allow operation from a single 3.0V to 5.5V supply.
The device operates at data signaling rates up to 250kbit/s and a
maximum of 35V/μs driver output slew rate.

F EATURES
Exceeds ±8KV ESD Protection(HBM) for RS-232 I/O Pins
Meets the Requirements of TIA/EIA-232-F and ITU V.28 Standards
Operates With 3.0V to 5.5V VCC Supply
Operates Up To 250kbit/s Data Rate
Two Drivers and Two Receivers
External Capacitors 4×0.1μF
Accepts 5.0V Logic Input With 3.3V Supply




Similar Part No. - SP3232

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP3232 SIPEX-SP3232 Datasheet
139Kb / 18P
True 3.0V to 5.5V RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
139Kb / 20P
3.3V, 1000 Kbps RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
212Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3232 SIPEX-SP3232 Datasheet
207Kb / 20P
True 3.0V to 5.5V RS-232 Transceivers
SP3232B SIPEX-SP3232B Datasheet
139Kb / 18P
True 3.0V to 5.5V RS-232 Transceivers
More results


Similar Description - SP3232

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3232 UTC-UT3232 Datasheet
260Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR
logo
Tiger Electronic Co.,Lt...
MAX3232 TGS-MAX3232 Datasheet
362Kb / 16P
3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
logo
Unisonic Technologies
UT3232 UTC-UT3232_15 Datasheet
266Kb / 7P
MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
UT3202 UTC-UT3202 Datasheet
267Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING
logo
Guangdong Youtai Semico...
MAX3232 UMW-MAX3232 Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232CDR UMW-MAX3232CDR Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232CSE UMW-MAX3232CSE Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232ESE UMW-MAX3232ESE Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
MAX3232ID UMW-MAX3232ID Datasheet
405Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
ST3232BDR UMW-ST3232BDR Datasheet
406Kb / 7P
3.0V TO 5.5V LOW POWER MULTICHANNEL RS-232 LINE TRANSCEIVERS USING FOR 0.1 μF EXTERNAL CAPACITORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com