Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP485EN Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

SP485EN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # SP485EN
Download  SP485EN Download
File Size   411.98 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers

SP485EN Datasheet (PDF)

Go To PDF Page Download Datasheet
SP485EN Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # SP485EN
Download  SP485EN Click to download

File Size   411.98 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers

SP485EN Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


SP485EN Product details

General Description
The SP485 is low-power transceivers for RS-485 and RS-
422 communication. IC contains one driver and one receiver.
The driver slew rates of the SP485 is not limited, allowing
them to transmit up to 2.5Mbps.
These transceivers draw between 120μA and 500μA of
supply current when unloaded or fully loaded with disabled
drivers. All parts operate from a single 5V supply. Drivers are
short-circuit current limited and are protected against
excessive power dissipation by thermal shutdown circuitry
that places the driver outputs into a high-impedance state.
The receiver input has a fail-safe feature that guarantees a
logic-high output if the input is open circuit. The SP485 is
designed for half-duplex applications.

Features
Low Quiescent Current: 300μA
-7V to +12V Common-Mode Input Voltage Range
Three-State Outputs
30ns Propagation Delays, 5ns Skew
Full-Duplex and Half-Duplex Versions Available
Operate from a Single 5V Supply
Allows up to 32 Transceivers on the Bus
Data rate: 2,5 Mbps
Current-Limiting and Thermal Shutdown for Driver Overload Protection




Similar Part No. - SP485EN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP485EN SIPEX-SP485EN Datasheet
100Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP485EN SIPEX-SP485EN Datasheet
78Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
SP485EN SIPEX-SP485EN Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP485EN/TR SIPEX-SP485EN/TR Datasheet
168Kb / 10P
Low Power Half-Duplex RS-485 Transceivers
More results


Similar Description - SP485EN

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com