Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B81122 Datasheet (PDF) - EPCOS

B81122 Datasheet PDF - EPCOS
Part # B81122
Download  B81122 Download
File Size   150.69 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMI suppression capacitors (MKP) Y2 / 250 VAC

B81122 Datasheet (PDF)

Go To PDF Page Download Datasheet
B81122 Datasheet PDF - EPCOS

Part # B81122
Download  B81122 Click to download

File Size   150.69 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description EMI suppression capacitors (MKP) Y2 / 250 VAC

B81122 Datasheet (HTML) - EPCOS


B81122 Product details

Features

■ Very small dimensions

■ Self-healing properties



Typical applications

■ Y2 class for interference suppression

■ "Line to ground" applications



Terminals

■ Parallel wire leads, lead-free tinned

■ Standard lead lengths: 6 - 1 mm

■ Special lead lengths available on request



 




Similar Part No. - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
EMI suppression capacitors (MKP) Y1 / 250 VAC
logo
TDK Electronics
B81123 TDK-B81123 Datasheet
300Kb / 18P
Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
300Kb / 18P
Film Capacitors - EMI Suppression Capacitors (MKP)
B81123C1102M TDK-B81123C1102M Datasheet
333Kb / 19P
EMI Suppression Capacitors (MKP)
logo
EPCOS
B81123C1102M000 EPCOS-B81123C1102M000 Datasheet
188Kb / 6P
EMI suppression capacitors (MKP) Y1 / 250 VAC
More results


Similar Description - B81122

ManufacturerPart #DatasheetDescription
logo
EPCOS
B81130 EPCOS-B81130_04 Datasheet
164Kb / 6P
EMI suppression capacitors (MKP) X2 / 275 VAC
B81123 EPCOS-B81123 Datasheet
188Kb / 6P
EMI suppression capacitors (MKP) Y1 / 250 VAC
B81130C1103289 EPCOS-B81130C1103289 Datasheet
331Kb / 6P
EMI Suppression Capacitors (MKP)
B32021A3222M EPCOS-B32021A3222M Datasheet
313Kb / 5P
EMI Suppression Capacitors (MKP)
B32924C3105M EPCOS-B32924C3105M Datasheet
324Kb / 8P
EMI Suppression Capacitors (MKP)
B32921CD EPCOS-B32921CD Datasheet
324Kb / 8P
EMI Suppression Capacitors (MKP)
B32021A3472M EPCOS-B32021A3472M Datasheet
341Kb / 21P
EMI Suppression Capacitors (MKP)
B32922C3334K189 EPCOS-B32922C3334K189 Datasheet
384Kb / 22P
EMI Suppression Capacitors (MKP)
B32023A3683M EPCOS-B32023A3683M Datasheet
313Kb / 5P
EMI Suppression Capacitors (MKP)
logo
TDK Electronics
B32921 TDK-B32921_16 Datasheet
648Kb / 24P
EMI Suppression Capacitors (MKP)
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com