Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX16169 Datasheet (PDF) - Analog Devices

MAX16169 Datasheet PDF - Analog Devices
Part # MAX16169
Download  MAX16169 Download
File Size   528.38 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description nanoPower Pushbutton On/Off Controller and Battery Freshness Seal

MAX16169 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX16169 Datasheet PDF - Analog Devices

Part # MAX16169
Download  MAX16169 Click to download

File Size   528.38 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description nanoPower Pushbutton On/Off Controller and Battery Freshness Seal

MAX16169 Datasheet (HTML) - Analog Devices


MAX16169 Product details

General Description
The MAX16169 is an extremely low-power, pushbutton, on/off controller with a switch debouncer and built-in latch. This device accepts a noisy input from a mechanical switch and produces a clean, latched output, and a one-shot interrupt output, in response to a switch closure exceeding the debounce period at PB_IN/PB_IN. A switch closure longer than the shutdown period at PB_IN/PB_IN results in a longer one-shot interrupt output. The MAX16169 family has two sets of devices, one in which a more extended switch closure greater than the shutdown period deasserts the latched output, and another in which the latched output stays asserted. See Table 1 for more information.
The MAX16169 operates from a supply range of +1.3V to +5.5V and consumes less than 40nA of supply current to ensure minimal battery drain in low-power applications, and to allow use as a battery "freshness seal". The robust switch input (PB_IN/PB_IN) accepts up to ±60V levels and is ±40kV ESD-protected for harsh environments. The latched output can serve as a logic signal to control a regulator or as a switch to connect the load directly to the power supply when the load current is low, providing 200mA of output current with less than 30mV voltage drop. A separate INT output provides a system interrupt whenever a valid pushbutton signal is detected. An asynchronous CLR input allows an external signal to force the latched output to the off state.
The MAX16169 operates over the -40°C to +125°C temperature range and is available in a 2mm x 2mm 6-pin micro dual-flat no-leads (μDFN) package.

Benefits and Features
•Ultra Low Current Saves Power
•40nA (max) Standby Current (ISB)
•VCC Range: 1.3V to 5.5V
•Debounces Noisy Switches
•50ms and 2s Debounce Timing Options
•8s and 16s Shutdown Timing Periods
•Flexible Configurations Provide Design Options
•Latched Output Supplies 200mA Load Currentwith Less Than 30mV Drop
•One-shot INT Output on Each Switch Closure
•8ms, 32ms, 64ms, and 128ms INT TimingOptions
•Active-Low or Active-High Pushbutton Input
•2mm x 2mm 6-pin μDFN
•Robust Features Increases End EquipmentReliability
•Pushbutton Input Handles up to ±60V
•±40kV Human-Body Model (HBM) ElectrostaticDischarge (ESD)

Applications
•Portable Medical Devices
•Portable Instruments
•Handheld Consumer Electronics
•Industrial Equipment
•Internet of Things (IoT) Devices
•Disposable Low-Power Electronics
•Asset Tracking Devices




Similar Part No. - MAX16169

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16163A----+T MAXIM-MAX16163A----+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16163ANT0D+T MAXIM-MAX16163ANT0D+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16164A----+T MAXIM-MAX16164A----+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
MAX16164ANT0D+T MAXIM-MAX16164ANT0D+T Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
More results


Similar Description - MAX16169

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2950CTS8-2 LINER-LTC2950CTS8-2 Datasheet
189Kb / 18P
Pushbutton On/Off Controller
LTC2951-1 LINER-LTC2951-1_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2951-2 LINER-LTC2951-2_15 Datasheet
1Mb / 20P
Pushbutton On/Off Controller
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
Pushbutton On/Off Controller with P Interrupt
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
Pushbutton On/Off Controller
LTC2955 LINER-LTC2955_15 Datasheet
219Kb / 20P
Pushbutton On/Off Controller with Automatic Turn-On
LTC2955 LINER-LTC2955 Datasheet
224Kb / 6P
Pushbutton On/Off Controller with Automatic Turn-On
logo
Maxim Integrated Produc...
MAX16150 MAXIM-MAX16150 Datasheet
713Kb / 17P
nanoPower Pushbutton On/Off Controller and Battery Freshness Seal
2021
MAX16163 MAXIM-MAX16163 Datasheet
518Kb / 26P
nanoPower On/Off Controller with Programmable Sleep Time
2021
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com