Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX20815 Datasheet (PDF) - Analog Devices

MAX20815 Datasheet PDF - Analog Devices
Part # MAX20815
Download  MAX20815 Download
File Size   885.32 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus

MAX20815 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX20815 Datasheet PDF - Analog Devices

Part # MAX20815
Download  MAX20815 Click to download

File Size   885.32 Kbytes
Page   23 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus

MAX20815 Datasheet (HTML) - Analog Devices


MAX20815 Product details

General Description
The MAX20815 is a fully integrated, highly efficient, step-down DC-DC switching regulator with PMBus interface. The device operates from 2.7V to 16V input supplies, and the output can be adjusted from 0.4V to 5.8V, delivering up to 15A of load current.
The switching frequency of the device can be configured from 500kHz to 2MHz, to provide the capability of optimizing the design in terms of size and performance.
The MAX20815 utilizes fixed frequency, current-mode control with internal compensation. The IC features selectable advanced modulation scheme (AMS) to provide improved performance during fast load transients. Operation settings and configurable features can be selected by connecting a pin-strap resistors from PGM_ pins to ground or using PMBus commands.
The MAX20815 has an internal 1.8V LDO output to power the gate drives (VCC) and internal circuitry (AVDD). The device also has an optional LDO input pin (LDOIN), allowing connection from a 2.5V to 5.5V bias input supply for optimized efficiency.
The IC has multiple protections including positive and negative overcurrent protection, output overvoltage protection, and overtemperature protection to ensure robust design.
The device is available in a 4.3mm x 6.55mm FC2QFN package. It supports -40°C to +125°C junction temperature operation. The MAX20815 is footprint compatible with the MAX20810 and MAX20830.

Benefits and Features
•High Power Density with Low Component Count
•Compact 4.3mm x 6.55mm, 16-Pin, FC2QFNPackage
•Internal Compensation
•Single-Supply Operation with Integrated LDO forBias Generation
•Wide Operating Range
•2.7V to 16V Input Voltage Range
•0.4V to 5.8V Output Voltage Range
•500kHz to 2MHz Configurable SwitchingFrequency
•-40°C to +125°C Junction Temperature Range
•Optimized Performance and Efficiency
•93.8% Peak Efficiency with VDDH = 12V andVOUT = 1.8V
•High Efficiency with Optional External Bias InputSupply
•AMS to Improve Load-Transient Response
•Differential Remote Sense
•PMBus Interface
•Adaptive Voltage Scaling of 0.4V to 0.8VReference Range
•PMBus Telemetry of Output Current, OutputVoltage, Input Voltage, and Junction Temperature

Applications
•Data Center Power
•Communications Equipment
•Networking Equipment
•Servers and Storage
•Point-of-Load (PoL) Voltage Regulators




Similar Part No. - MAX20815

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX20810 AD-MAX20810 Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
MAX20810AFE+ AD-MAX20810AFE+ Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
MAX20810AFE+T AD-MAX20810AFE+T Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
logo
Maxim Integrated Produc...
MAX20812 MAXIM-MAX20812 Datasheet
876Kb / 26P
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
Rev 1; 3/21
MAX20812 MAXIM-MAX20812 Datasheet
2Mb / 19P
2.7V to 16V Input Voltage Range
Rev 1; 3/21
More results


Similar Description - MAX20815

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX20812 MAXIM-MAX20812 Datasheet
876Kb / 26P
Dual-Output, 6A, 3MHz, 2.7V to 16V, Step-Down Switching Regulator
Rev 1; 3/21
MAX20743 MAXIM-MAX20743 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
19-8582; Rev 1; 10/16
MAX20730 MAXIM-MAX20730 Datasheet
1Mb / 31P
Integrated, Step-Down Switching Regulator with PMBus
2020
logo
Analog Devices
MAX20828T AD-MAX20828T Datasheet
1Mb / 27P
Dual-Output 8A, 3MHz, 2.7V-16V Step Down Switching Regulator
Rev 0; 6/22
MAX20810 AD-MAX20810 Datasheet
1Mb / 24P
10A, 2MHz, 2.7V to 16V Integrated Step-Down Switching Regulator with PMBus
19-101568; Rev 0; 11/22
logo
Monolithic Power System...
MPM3683-20 MPS-MPM3683-20 Datasheet
1Mb / 23P
2.7V to 16V, 15A, Step-Down Power Module
Rev. 1.0 3/1/2023
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com