Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST485EBDR Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

ST485EBDR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # ST485EBDR
Download  ST485EBDR Download
File Size   392.59 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers

ST485EBDR Datasheet (PDF)

Go To PDF Page Download Datasheet
ST485EBDR Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # ST485EBDR
Download  ST485EBDR Click to download

File Size   392.59 Kbytes
Page   6 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers

ST485EBDR Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


ST485EBDR Product details

General DescriptionThe ST485 is low-power transceivers for RS-485 and RS-422 communication. IC contains one driver and one receiver.The driver slew rates of the ST485 is not limited, allowingthem to transmit up to 2.5Mbps.These transceivers draw between 120μA and 500μA ofsupply current when unloaded or fully loaded with disableddrivers. All parts operate from a single 5V supply. Drivers areshort-circuit current limited and are protected againstexcessive power dissipation by thermal shutdown circuitrythat places the driver outputs into a high-impedance state.The receiver input has a fail-safe feature that guarantees alogic-high output if the input is open circuit. The ST485 isdesigned for half-duplex applications.

Features
Low Quiescent Current: 300μA
-7V to +12V Common-Mode Input Voltage Range
Three-State Outputs
30ns Propagation Delays, 5ns Skew
Full-Duplex and Half-Duplex Versions Available
Operate from a Single 5V Supply
Allows up to 32 Transceivers on the Bus
Data rate: 2,5 Mbps
Current-Limiting and Thermal Shutdown for Driver Overload Protection




Similar Part No. - ST485EBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
303Kb / 13P
±15KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST485EBDR STMICROELECTRONICS-ST485EBDR Datasheet
709Kb / 18P
/-15 kV ESD protected, low power RS-485/RS-422 transceiver
07-Feb-2008
More results


Similar Description - ST485EBDR

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Guangdong Youtai Semico...
MAX485ESA UMW-MAX485ESA Datasheet
394Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com