Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431AL Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TL431AL Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TL431AL
Download  TL431AL Download
File Size   695.15 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Adjustable Precision Shunt Regulator

TL431AL Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431AL Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL431AL
Download  TL431AL Click to download

File Size   695.15 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Adjustable Precision Shunt Regulator

TL431AL Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TL431AL Product details

Description
The TL431 is a three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between Vref and 36 volts with two external resistors. These device have a typical dynamic output impedance of 0.27Ω, Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications.

Features
Programmable Output Voltage to 36V.
Low Dynamic Output Impedance : TL431xx: 0.27 Ω (Typical).
Sink Current Capability of 0.1mA to100mA.
Equivalent Full-Range TemperatureCoefficient of 50 ppm/oC
Temperature Compensated forOperation over Full Rated Operating Temperature Range.
Low Output Noise Voltage.
Fast Turn on Responds.
SOT-23, TO-92, SOT-89, SOP-8, TO-92Lpackages

Applications
Precision Voltage Reference
Linear Regulator
Adjustable Power Supply
Switching Power Supply
Graphic Card
Adapter




Similar Part No. - TL431AL

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
TL431ALF IKSEMICON-TL431ALF Datasheet
3Mb / 12P
Programmable Precision Reference
logo
Micro Commercial Compon...
TL431ALP MCC-TL431ALP Datasheet
251Kb / 2P
Programmable Precision Regulator
logo
IK Semicon Co., Ltd
TL431ALS IKSEMICON-TL431ALS Datasheet
3Mb / 12P
Programmable Precision Reference
More results


Similar Description - TL431AL

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com