Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431S Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TL431S Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TL431S
Download  TL431S Download
File Size   695.15 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Adjustable Precision Shunt Regulator

TL431S Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431S Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TL431S
Download  TL431S Click to download

File Size   695.15 Kbytes
Page   13 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Adjustable Precision Shunt Regulator

TL431S Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TL431S Product details

Description
The TL431 is a three-terminal adjustable regulator series with a guaranteed thermal stability over applicable temperature ranges. The output voltage may be set to any value between Vref and 36 volts with two external resistors. These device have a typical dynamic output impedance of 0.27Ω, Active output circuitry provides a very sharp turn-on characteristic, making these devices excellent replacement for zener diodes in many applications.

Features
Programmable Output Voltage to 36V.
Low Dynamic Output Impedance : TL431xx: 0.27 Ω (Typical).
Sink Current Capability of 0.1mA to100mA.
Equivalent Full-Range TemperatureCoefficient of 50 ppm/oC
Temperature Compensated forOperation over Full Rated Operating Temperature Range.
Low Output Noise Voltage.
Fast Turn on Responds.
SOT-23, TO-92, SOT-89, SOP-8, TO-92Lpackages

Applications
Precision Voltage Reference
Linear Regulator
Adjustable Power Supply
Switching Power Supply
Graphic Card
Adapter




Similar Part No. - TL431S

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431S CALOGIC-TL431S Datasheet
65Kb / 6P
Precision Adjustable Precision Adjustable
logo
IK Semicon Co., Ltd
TL431S IKSEMICON-TL431S Datasheet
3Mb / 12P
Programmable Precision Reference
logo
Cystech Electonics Corp...
TL431S5 CYSTEKEC-TL431S5 Datasheet
281Kb / 8P
Adjustable Precision Shunt Regulators
TL431SA3 CYSTEKEC-TL431SA3 Datasheet
204Kb / 6P
Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431SDT NXP-TL431SDT Datasheet
214Kb / 23P
Adjustable precision shunt regulator
Rev. 02-20 January 2010
More results


Similar Description - TL431S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com