Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP785 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TLP785 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TLP785
Download  TLP785 Download
File Size   985.15 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Photocoupler GaAs IRED & Photo

TLP785 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLP785 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TLP785
Download  TLP785 Click to download

File Size   985.15 Kbytes
Page   8 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Photocoupler GaAs IRED & Photo

TLP785 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TLP785 Product details

UL approved: UL1577, file No. E492440
Collector-emitter voltage: 80V (min.)
Current transfer ratio: 50% (min.)
Rank GB: 100% (min.)
Isolation voltage: 5000Vrms (min.)




Similar Part No. - TLP785

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP785 TOSHIBA-TLP785 Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
Guangdong Youtai Semico...
TLP785 UMW-TLP785 Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
logo
Toshiba Semiconductor
TLP785 TOSHIBA-TLP785 Datasheet
724Kb / 15P
TOSHIBA Photocoupler IRED & Photo−Transistor
2019-03-11
TLP785 TOSHIBA-TLP785 Datasheet
747Kb / 15P
TOSHIBA Photocoupler GaAs IRED & Photo−Transistor
2015-10-09
logo
Guangdong Youtai Semico...
TLP785BL-S UMW-TLP785BL-S Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
More results


Similar Description - TLP785

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP421 TOSHIBA-TLP421 Datasheet
188Kb / 9P
Photocoupler GaAs Ired & Photo - Transistor
TLP160 TOSHIBA-TLP160 Datasheet
257Kb / 5P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP666G TOSHIBA-TLP666G Datasheet
157Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP283 TOSHIBA-TLP283_07 Datasheet
306Kb / 7P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP281 TOSHIBA-TLP281_07 Datasheet
271Kb / 8P
PHOTOCOUPLER GaAs IRED & PHOTO-TRANSISTOR
TLP160G TOSHIBA-TLP160G_07 Datasheet
188Kb / 6P
PHOTOCOUPLER GAAS IRED & PHOTO TRIAC
TLP161G TOSHIBA-TLP161G_07 Datasheet
190Kb / 6P
Photocoupler GaAs Ired & Photo-Triac
TLP165J TOSHIBA-TLP165J_07 Datasheet
175Kb / 4P
Photocoupler GaAs Ired & Photo-Triac
TLP176D TOSHIBA-TLP176D_07 Datasheet
133Kb / 6P
Photocoupler GaAs IRED & Photo-MOSFET
logo
Guangdong Youtai Semico...
TLP785GB-S UMW-TLP785GB-S Datasheet
985Kb / 8P
Photocoupler GaAs IRED & Photo
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com