Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP36 Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

TMP36 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # TMP36
Download  TMP36 Download
File Size   5754.88 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Scale factor: 10 mV/°C

TMP36 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMP36 Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # TMP36
Download  TMP36 Click to download

File Size   5754.88 Kbytes
Page   10 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description Scale factor: 10 mV/°C

TMP36 Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


TMP36 Product details

Features
Scale factor: 10 mV/°C
Operation range: -40°C ~ +125°C,up to +150°C
Temperature accuracy: ±2°C (typical)
Temperature linearity: ±0.5°C (typical)
Package: 5-Pin SOT-23 (1.60 mm × 3.00 mm)
8-Pin VSSOP (3.90 mm × 4.90 mm)
Supply range: 2.7V ~ 5.5V
Low quiescent current:
Normal operation: less than 50μA
Shutdown mode: less than 0.5μA
Stable with large capacitive loads
Digital output: analog

Applications
Power system monitors
Temperature control

Description
The TMP36 is a low voltage, precision
centigrade temperature sensors, which provides an
analog voltage output that is linearly proportional
to the Celsius (Centigrade) temperature. Every
GX36 chip is factory calibrated, so no external
calibration is required, and the typical accuracy is
±1°C at +25°C and ±2°C over the −40°C to +125°C
temperature range.
The low output impedance of the TMP36 and
its linear output and precise calibration simplify interfacing
to temperature control circuitry and ADC. The
sensing devices can be powered from a single-supply
of 2.7 V to 5.5 V. The supply current is less than 50μA,
providing very low self-heating effect, less than 0.1°C in
still air. In addition, a shutdown function is provided
to reduce supply current to less than 0.5 μA.
The TMP36 is specified from −40°C to
+125°C, provides a 750 mV output at 25°C, and
operates up to 125°C from a single 2.7 V supply.
The output scale factor of the TMP36 is 10 mV/°C.
The TMP36 is available in low-cost 5-lead SOT-
23 surface-mount, 3-lead TO-92 and 8-lead
SOIC packages.




Similar Part No. - TMP36

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP36 AD-TMP36 Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
TMP36FS AD-TMP36FS Datasheet
476Kb / 16P
Low Voltage Temperature Sensors
10/02-Data Sheet changed from REV. B to REV. C.
TMP36FS AD-TMP36FS Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
TMP36FS-REEL AD-TMP36FS-REEL Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
TMP36FSZ AD-TMP36FSZ Datasheet
341Kb / 20P
Low Voltage Temperature Sensors
Rev. F
More results


Similar Description - TMP36

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX10 MOTOROLA-MPX10 Datasheet
157Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX12 MOTOROLA-MPX12 Datasheet
158Kb / 8P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
MPX200 MOTOROLA-MPX200 Datasheet
179Kb / 8P
0 to 200 kPa (0-29 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX2100 MOTOROLA-MPX2100 Datasheet
194Kb / 10P
0 to 100 kPa (0 to 14.5 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX2200 MOTOROLA-MPX2200 Datasheet
171Kb / 8P
0 to 200 kPa (0 to 29 psi) 40 mV FULL SCALE SPAN (TYPICAL)
MPX50 MOTOROLA-MPX50 Datasheet
187Kb / 10P
0 to 50 kPa (0-7.25 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPX700 MOTOROLA-MPX700 Datasheet
175Kb / 8P
0 to 700 kPa (0-100 psi) 60 mV FULL SCALE SPAN (TYPICAL)
MPXL10 MOTOROLA-MPXL10 Datasheet
93Kb / 4P
0 to 10 kPa (0-1.45 psi) 35 mV FULL SCALE SPAN (TYPICAL)
logo
Amphenol Corporation
NPC-1220 AMPHENOL-NPC-1220 Datasheet
77Kb / 4P
50 mV full scale output (FSO)
logo
Schneider Electric
XMLB010A2S12EX SCHNEIDER-XMLB010A2S12EX Datasheet
138Kb / 5P
pressure switch XMLB - 10 bar - adjustable scale 2 thresholds - 1 C/O
Jan 19, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com