Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1708624 Datasheet (PDF) - PHOENIX CONTACT

1708624 Datasheet PDF - PHOENIX CONTACT
Part # 1708624
Download  1708624 Download
File Size   424.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 5/ 4-GU-7,62 - PCB header

1708624 Datasheet (PDF)

Go To PDF Page Download Datasheet
1708624 Datasheet PDF - PHOENIX CONTACT

Part # 1708624
Download  1708624 Click to download

File Size   424.45 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IPC 5/ 4-GU-7,62 - PCB header

1708624 Datasheet (HTML) - PHOENIX CONTACT


1708624 Product details

PCB headers, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 630 V, contact surface: Tin, contact connection type: Socket, number of potentials: 4,
number of rows: 1, number of positions: 4, number of connections: 4, product range: IPC 5/..-
GU, pitch: 7.62 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 5 mm,
number of solder pins per potential: 3, plug-in system: COMBICON PC 5, Pin connector pattern
alignment: reversed, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1708624

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
170862 FESTO-170862 Datasheet
87Kb / 1P
Guided actuator
1708627 FESTO-1708627 Datasheet
77Kb / 1P
Adapter kit
More results


Similar Description - 1708624

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1708611 PHOENIX-1708611 Datasheet
80Kb / 4P
Base strip - IPC 5/ 3-GU-7,62
1708637 PHOENIX-1708637 Datasheet
80Kb / 4P
Base strip - IPC 5/ 5-GU-7,62
1708640 PHOENIX-1708640 Datasheet
80Kb / 4P
Base strip - IPC 5/ 6-GU-7,62
1708666 PHOENIX-1708666 Datasheet
80Kb / 4P
Base strip - IPC 5/ 8-GU-7,62
1708679 PHOENIX-1708679 Datasheet
80Kb / 4P
Base strip - IPC 5/ 9-GU-7,62
1708682 PHOENIX-1708682 Datasheet
80Kb / 4P
Base strip - IPC 5/10-GU-7,62
1708695 PHOENIX-1708695 Datasheet
80Kb / 4P
Base strip - IPC 5/11-GU-7,62
1708705 PHOENIX-1708705 Datasheet
80Kb / 4P
Base strip - IPC 5/12-GU-7,62
1708404 PHOENIX-1708404 Datasheet
588Kb / 15P
PCB header - IPC 5/ 4-G-7,62
Jan 3, 2023
1720686 PHOENIX-1720686 Datasheet
450Kb / 15P
PCB header - PC 5/ 2-GU-7,62
Jan 10, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com