Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1840094 Datasheet (PDF) - PHOENIX CONTACT

1840094 Datasheet PDF - PHOENIX CONTACT
Part # 1840094
Download  1840094 Download
File Size   476.67 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCC 4/12-ST-7,62 - PCB connector

1840094 Datasheet (PDF)

Go To PDF Page Download Datasheet
1840094 Datasheet PDF - PHOENIX CONTACT

Part # 1840094
Download  1840094 Click to download

File Size   476.67 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCC 4/12-ST-7,62 - PCB connector

1840094 Datasheet (HTML) - PHOENIX CONTACT


1840094 Product details

PCB connector, nominal cross section: 4 mm2, color: green, nominal current: 20 A, rated voltage
(III/2): 1000 V, contact connection type: Socket, number of potentials: 12, number of rows: 1,
number of positions: 12, number of connections: 12, product range: PCC 4/..-ST, pitch: 7.62 mm,
connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking clip: -
Locking clip, plug-in system: COMBICON PC 4, locking: without, mounting: without, type of
packaging: packed in cardboard, Corresponding female crimp contacts with current [A] and
conductor cross section range [mm2] data: 13,5A/STG-MTN 0,5-1,0 (3190438); 13,5A/STG-MTN
0,5-1,0 BA (3190629); 20A/STG-MTN 1,5-2,5 (3190506); 20A/STG-MTN 1,5-2,5 BA (3190632).
BA = Taped contacts

Your advantages
• Inexpensive connection of large quantities of preassembled conductors
• Small component size for applications where space is at a premium




Similar Part No. - 1840094

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1840090000 WEIDMULLER-1840090000 Datasheet
398Kb / 6P
SL-SMT 5.00HC/22/90 3.2SN BK BX
More results


Similar Description - 1840094

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1840133 PHOENIX-1840133 Datasheet
130Kb / 8P
Printed-circuit board connector - PCC 4/ 8-ST-7,62
1840117 PHOENIX-1840117 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/10-ST-7,62
1840146 PHOENIX-1840146 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/ 7-ST-7,62
1840159 PHOENIX-1840159 Datasheet
70Kb / 4P
Printed-circuit board connector - PCC 4/ 6-ST-7,62
1804959 PHOENIX-1804959 Datasheet
368Kb / 11P
PCB connector - PC 4/ 7-ST-7,62
Jan 4, 2023
1939659 PHOENIX-1939659 Datasheet
577Kb / 14P
PCB connector - GFKC 2,5/ 4-ST-7,62
Jan 4, 2023
1996032 PHOENIX-1996032 Datasheet
652Kb / 18P
PCB connector - SPC 5/ 4-ST-7,62
1149085 PHOENIX-1149085 Datasheet
467Kb / 14P
PC 6/ 4-ST-7,62 - PCB connector
1939730 PHOENIX-1939730 Datasheet
567Kb / 14P
GFKC 2,5/12-ST-7,62 - PCB connector
1840162 PHOENIX-1840162 Datasheet
482Kb / 14P
PCC 4/ 5-ST-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com