Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1912142 Datasheet (PDF) - PHOENIX CONTACT

1912142 Datasheet PDF - PHOENIX CONTACT
Part # 1912142
Download  1912142 Download
File Size   417.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5 HC/ 9-STF - PCB connector

1912142 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912142 Datasheet PDF - PHOENIX CONTACT

Part # 1912142
Download  1912142 Click to download

File Size   417.76 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTB 2,5 HC/ 9-STF - PCB connector

1912142 Datasheet (HTML) - PHOENIX CONTACT


1912142 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, contact connection type:
Socket, number of potentials: 9, number of rows: 1, number of positions: 9, number of
connections: 9, product range: MSTB 2,5 HC/..-STF, pitch: 5 mm, connection method: Screw
connection with tension sleeve, screw head form: L Slotted, conductor/PCB connection direction:
0 °, locking clip: - without locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: Screw
locking mechanism, mounting: Screw flange, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations
• Screwable flange for superior mechanical stability




Similar Part No. - 1912142

ManufacturerPart #DatasheetDescription
logo
OSA Opto Light GmbH
191210 OSA-191210 Datasheet
53Kb / 1P
GaP / GaP LED Chips
logo
Adels-Contact
191210 ADELS-191210 Datasheet
114Kb / 1P
230 BZ/10
logo
PHOENIX CONTACT
1912100 PHOENIX-1912100 Datasheet
186Kb / 10P
Printed-circuit board connector - MSTB 2,5 HC/ 5-STF
logo
Lapp.
19121000 LAPP-19121000 Datasheet
125Kb / 2P
EPIC® H-B 24 TG
29.08.2022
logo
Molex Electronics Ltd.
191210005 MOLEX4-191210005 Datasheet
130Kb / 3P
InsulKrimp??Flanged Spade Tongue Terminal for 18-22 AWG Wire, Stud Size 6Length 19.84mm (.781")
More results


Similar Description - 1912142

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786909 PHOENIX-1786909 Datasheet
150Kb / 6P
MSTB 2,5/ 9-STF
1779712 PHOENIX-1779712 Datasheet
148Kb / 6P
FRONT-MSTB 2,5/ 9-STF
1912252 PHOENIX-1912252 Datasheet
177Kb / 11P
Printed-circuit board connector - MSTB 2,5 HC/ 9-STF-5,08
09/12/2020
1912197 PHOENIX-1912197 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 3-STF-5,08
Jul 20, 2022
1912207 PHOENIX-1912207 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 4-STF-5,08
Jul 20, 2022
1912184 PHOENIX-1912184 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 2-STF-5,08
Jul 21, 2022
1912236 PHOENIX-1912236 Datasheet
634Kb / 16P
PCB connector - MSTB 2,5 HC/ 7-STF-5,08
Jul 21, 2022
1912090 PHOENIX-1912090 Datasheet
415Kb / 15P
PCB connector - MSTB 2,5 HC/ 4-STF
Jan 3, 2023
1912139 PHOENIX-1912139 Datasheet
418Kb / 15P
PCB connector - MSTB 2,5 HC/ 8-STF
1786954 PHOENIX-1786954 Datasheet
900Kb / 17P
MSTB 2,5/14-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com