Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1953282 Datasheet (PDF) - PHOENIX CONTACT

1953282 Datasheet PDF - PHOENIX CONTACT
Part # 1953282
Download  1953282 Download
File Size   485.4 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/10-G1-3,5 RNP14THR - PCB header

1953282 Datasheet (PDF)

Go To PDF Page Download Datasheet
1953282 Datasheet PDF - PHOENIX CONTACT

Part # 1953282
Download  1953282 Click to download

File Size   485.4 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCDN 1,5/10-G1-3,5 RNP14THR - PCB header

1953282 Datasheet (HTML) - PHOENIX CONTACT


1953282 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 20,
number of rows: 2, number of positions: 10, number of connections: 20, product range: MCDN
1,5/..-G1-RN-THR, pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 1.4 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Snap-in locking, mounting: Engagement nose,
type of packaging: packed in cardboard, Article with engagement nose. The pin length is 14 mm.
User information and design recommendations on Through Hole Reflow Technology can be
found at: "Downloads"

Your advantages
• Designed for integration into the SMT soldering process
• Intuitive locking mechanism prevents accidental disconnection
• Conductor connection on several levels enables higher contact density




Similar Part No. - 1953282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953224 PHOENIX-1953224 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 RNP14THR
1953237 PHOENIX-1953237 Datasheet
485Kb / 11P
MCDN 1,5/ 5-G1-3,5 RNP14THR - PCB header
1953240 PHOENIX-1953240 Datasheet
446Kb / 10P
MCDN 1,5/ 6-G1-3,5 RNP14THR - PCB header
1953266 PHOENIX-1953266 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 RNP14THR
09/12/2020
1953279 PHOENIX-1953279 Datasheet
134Kb / 7P
Feed-through header - MCDN 1,5/ 9-G1-3,5 RNP14THR
More results


Similar Description - 1953282

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1953392 PHOENIX-1953392 Datasheet
124Kb / 6P
Feed-through header - MCDN 1,5/20-G1-3,5 RNP14THR
1953389 PHOENIX-1953389 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/19-G1-3,5 RNP14THR
1953376 PHOENIX-1953376 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/18-G1-3,5 RNP14THR
1953321 PHOENIX-1953321 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/14-G1-3,5 RNP14THR
1953305 PHOENIX-1953305 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/12-G1-3,5 RNP14THR
1953224 PHOENIX-1953224 Datasheet
133Kb / 7P
Feed-through header - MCDN 1,5/ 4-G1-3,5 RNP14THR
1953279 PHOENIX-1953279 Datasheet
134Kb / 7P
Feed-through header - MCDN 1,5/ 9-G1-3,5 RNP14THR
1953266 PHOENIX-1953266 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/ 8-G1-3,5 RNP14THR
09/12/2020
1953334 PHOENIX-1953334 Datasheet
132Kb / 7P
Feed-through header - MCDN 1,5/15-G1-3,5 RNP14THR
09/12/2020
1953237 PHOENIX-1953237 Datasheet
485Kb / 11P
MCDN 1,5/ 5-G1-3,5 RNP14THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com