Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1974795 Datasheet (PDF) - PHOENIX CONTACT

1974795 Datasheet PDF - PHOENIX CONTACT
Part # 1974795
Download  1974795 Download
File Size   1688.05 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/ 8-ST - PCB connector

1974795 Datasheet (PDF)

Go To PDF Page Download Datasheet
1974795 Datasheet PDF - PHOENIX CONTACT

Part # 1974795
Download  1974795 Click to download

File Size   1688.05 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCS 2,5/ 8-ST - PCB connector

1974795 Datasheet (HTML) - PHOENIX CONTACT


1974795 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
8, number of rows: 1, number of positions: 8, number of connections: 8, product range: FKCS
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1974795

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
197470 FESTO-197470 Datasheet
73Kb / 1P
Cover plate
logo
PHOENIX CONTACT
1974740 PHOENIX-1974740 Datasheet
1Mb / 29P
FKCS 2,5/ 3-ST - PCB connector
logo
Weidmuller
1974750000 WEIDMULLER-1974750000 Datasheet
500Kb / 4P
BCL-SMT 3.81/02/90 1.5SN BK BX
logo
PHOENIX CONTACT
1974753 PHOENIX-1974753 Datasheet
1Mb / 26P
FKCS 2,5/ 4-ST - PCB connector
logo
Weidmuller
1974770000 WEIDMULLER-1974770000 Datasheet
431Kb / 4P
BCL-SMT 3.81/03/90 1.5SN BK BX
More results


Similar Description - 1974795

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1808624 PHOENIX-1808624 Datasheet
79Kb / 7P
Printed-circuit board connector - FKCS 2,5/ 8-ST-5,08-RF - 1808624
1975079 PHOENIX-1975079 Datasheet
148Kb / 7P
FKCS 2,5/ 2-ST-5,08
1974892 PHOENIX-1974892 Datasheet
82Kb / 5P
Printed-circuit board connector - FKCS 2,5/18-ST
1974889 PHOENIX-1974889 Datasheet
82Kb / 5P
Printed-circuit board connector - FKCS 2,5/17-ST
1975082 PHOENIX-1975082 Datasheet
148Kb / 7P
FKCS 2,5/ 3-ST-5,08
1975095 PHOENIX-1975095 Datasheet
148Kb / 7P
FKCS 2,5/ 4-ST-5,08
1975192 PHOENIX-1975192 Datasheet
1Mb / 27P
FKCS 2,5/14-ST-5,08 - PCB connector
1974779 PHOENIX-1974779 Datasheet
1Mb / 24P
FKCS 2,5/ 6-ST - PCB connector
1975118 PHOENIX-1975118 Datasheet
1Mb / 31P
FKCS 2,5/ 6-ST-5,08 - PCB connector
1975105 PHOENIX-1975105 Datasheet
1Mb / 30P
FKCS 2,5/ 5-ST-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com