Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2245642122 Datasheet (PDF) - Molex Electronics Ltd.

2245642122 Datasheet PDF - Molex Electronics Ltd.
Part # 2245642122
Download  2245642122 Download
File Size   94.77 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX64 F-S 150mm 0.83sq.mm Lead BK Au

2245642122 Datasheet (PDF)

Go To PDF Page Download Datasheet
2245642122 Datasheet PDF - Molex Electronics Ltd.

Part # 2245642122
Download  2245642122 Click to download

File Size   94.77 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description MX64 F-S 150mm 0.83sq.mm Lead BK Au

2245642122 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2245642122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
224560 ETC2-224560 Datasheet
86Kb / 1P
Messerleiste 9mm THR, 50 polig Male 9mm THR, 50 contacts
logo
ERNI Electronics
224560 ERNI-224560 Datasheet
86Kb / 1P
Messerleiste 9mm THR, 50 polig
224561 ERNI-224561 Datasheet
92Kb / 1P
Messerleiste10mm SMD, 50 polig
224562 ERNI-224562 Datasheet
94Kb / 1P
Messerleiste10mm THR, 50 polig
logo
Molex Electronics Ltd.
224563 MOLEX-224563 Datasheet
104Kb / 3P
Power and Signal Cable Assemblies
Aug 04, 2023
More results


Similar Description - 2245642122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196811222 MOLEX-2196811222 Datasheet
109Kb / 1P
SL F-S 150mm 24 awg lead BK Au
2022/03/18
2174801222 MOLEX-2174801222 Datasheet
84Kb / 1P
MINIFIT SR. F-F 150MM 8 AWG LEAD BK Au
2021/02/05
2174811212 MOLEX-2174811212 Datasheet
81Kb / 1P
MINIFIT SR. F-S 150MM 10 AWG LEAD BK Au
2021/02/05
2174811222 MOLEX-2174811222 Datasheet
81Kb / 1P
MINIFIT SR. F-S 150MM 8 AWG LEAD BK Au
2021/02/05
2244521112 MOLEX-2244521112 Datasheet
102Kb / 1P
Stac64 F-S 150mm 0.75sq.mm Lead BK Sn
2023/12/01
2245401112 MOLEX-2245401112 Datasheet
70Kb / 1P
MX64 F-F 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245412112 MOLEX-2245412112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.83sq.mm Lead BK Sn
2023/12/04
2245631122 MOLEX-2245631122 Datasheet
70Kb / 1P
MX64 F-F 150mm 0.83sq.mm Lead BK Au
2023/12/04
2245652112 MOLEX-2245652112 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Sn
2023/12/04
2245662122 MOLEX-2245662122 Datasheet
94Kb / 1P
MX64 F-S 150mm 0.52sq.mm Lead BK Au
2023/12/04
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com