Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT5126 Datasheet (PDF) - Princeton Technology Corp

PT5126 Datasheet PDF - Princeton Technology Corp
Part # PT5126
Download  PT5126 Download
File Size   648.58 Kbytes
Page   11 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1CH DC Motor Driver

PT5126 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT5126 Datasheet PDF - Princeton Technology Corp

Part # PT5126
Download  PT5126 Click to download

File Size   648.58 Kbytes
Page   11 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 1CH DC Motor Driver

PT5126 Datasheet (HTML) - Princeton Technology Corp


PT5126 Product details

DESCRIPTION
The PT5126 is 1 Full-On Drive H-Bridge channel with
three different packages. The driver features wide
range operating from 2V to 24V and low power
consumption by fast switching speed.

FEATURES
 It is low consumption by BCD process adoption
 One small package: HSOP8
 Wide power-supply voltage range:
-Control (VCC): 2.7V to 5.5V
- Motor (VM): 2.0V~24V
 High DC output current: Max.=2.8A
 Ultra low RDSON(TOP+BOT):
0.49ΩTYP@25°C, 1A
 Low current consumption when power-down:
<0.05μA @25°C

APPLICATION
 Lens for DSLR
 Auto icemaker or dumper drive for
refrigerator
 HV bi-direction DC Motor
 Intelligent electronic lock




Similar Part No. - PT5126

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT5126A PTC-PT5126A Datasheet
238Kb / 4P
1CH DC Motor Driver
PT5126A-H PTC-PT5126A-H Datasheet
238Kb / 4P
1CH DC Motor Driver
PT5126A-S PTC-PT5126A-S Datasheet
238Kb / 4P
1CH DC Motor Driver
More results


Similar Description - PT5126

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
1ch Motor Driver
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
1ch Motor Driver
BA6859AFP-Y ROHM-BA6859AFP-Y_10 Datasheet
537Kb / 18P
1ch Spindle Motor Driver ICs
logo
Asahi Kasei Microsystem...
AP1017 AKM-AP1017 Datasheet
581Kb / 13P
12V 1ch H-Bridge Motor driver
logo
Shenzhen Huazhimei Semi...
HM2533 HMSEMI-HM2533 Datasheet
807Kb / 12P
1CH DC Motor Driver
logo
Princeton Technology Co...
PT2476 PTC-PT2476 Datasheet
360Kb / 4P
1CH DC Motor Driver
PT5119 PTC-PT5119 Datasheet
496Kb / 4P
51CH DSC Motor Driver
PT5126A PTC-PT5126A Datasheet
238Kb / 4P
1CH DC Motor Driver
PT5141 PTC-PT5141 Datasheet
211Kb / 4P
1CH DC Motor Driver with LDO
PT6208 PTC-PT6208 Datasheet
152Kb / 3P
1CH DC Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com