Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6402ML11RI Datasheet (PDF) - Advanced Micro Devices

L6402ML11RI Datasheet PDF - Advanced Micro Devices
Part # L6402ML11RI
Download  L6402ML11RI Download
File Size   932.51 Kbytes
Page   57 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control

L6402ML11RI Datasheet (PDF)

Go To PDF Page Download Datasheet
L6402ML11RI Datasheet PDF - Advanced Micro Devices

Part # L6402ML11RI
Download  L6402ML11RI Click to download

File Size   932.51 Kbytes
Page   57 Pages
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices
Description 128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O??Control

L6402ML11RI Datasheet (HTML) - Advanced Micro Devices


L6402ML11RI Product details

GENERAL DESCRIPTION
The Am29LV6402M consists of two 64 Mbit, 3.0 volt single power supply flash memory devices and is organized as 4,194,304 doublewords or 8,388,608 words. The device has a 32-bit wide data bus that can also function as an 16-bit wide data bus by using the WORD# input. The device can be programmed either in the host system or in standard EPROM programmers.

DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
■ Single power supply operation
    — 3 volt read, erase, and program operations
■ VersatileI/OTM control
    — Device generates data output voltages and tolerates data input voltages on the CE# and DQ inputs/outputs as determined by the voltage on the VIO pin; operates from 1.65 to 3.6 V
■ Manufactured on 0.23 µm MirrorBitTM process technology
■ SecSi™ (Secured Silicon) Sector region
    — 128-doubleword/256-word sector for permanent, secure identification through an 8-doubleword/16-word random Electronic Serial Number, accessible through a command sequence
    — May be programmed and locked at the factory or by the customer
■ Flexible sector architecture
    — One hundred twenty-eight 32 Kdoubleword (64 Kword) sectors
■ Compatibility with JEDEC standards
    — Provides pinout and software compatibility for single-power supply flash, and superior inadvertent write protection
■ 100,000 erase cycles per sector
■ 20-year data retention at 125°C

PERFORMANCE CHARACTERISTICS
■ High performance
    — 100 ns access time
    — 30 ns page read times
    — 0.5 s typical sector erase time
    — 22 µs typical write buffer doubleword programming time: 16-doubleword/32-word write buffer reduces overall programming time for multiple-word updates
    — 4-doubleword/8-word page read buffer
    — 16-doubleword/32-word write buffer
■ Low power consumption (typical values at 3.0 V, 5 MHz)
    — 26 mA typical active read current
    — 100 mA typical erase/program current
    — 2 µA typical standby mode current
■ Package options
    — 80-ball Fortified BGA

SOFTWARE & HARDWARE FEATURES
■ Software features
    — Program Suspend & Resume: read other sectors before programming operation is completed
    — Erase Suspend & Resume: read/program other sectors before an erase operation is completed
    — Data# polling & toggle bits provide status
    — Unlock Bypass Program command reduces overall multiple-word or byte programming time
    — CFI (Common Flash Interface) compliant: allows host system to identify and accommodate multiple flash devices
■ Hardware features
    — Sector Group Protection: hardware-level method of preventing write operations within a sector group
    — Temporary Sector Unprotect: VID-level method of changing code in locked sectors
    — WP#/ACC input accelerates programming time (when high voltage is applied) for greater throughput during system production. Protects first or last sector regardless of sector protection settings
    — Hardware reset input (RESET#) resets device
    — Ready/Busy# output (RY/BY#) detects program or erase cycle completion




Similar Part No. - L6402ML11RI

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
L6402 GILWAY-L6402 Datasheet
124Kb / 2P
Miniature Quartz Halogen Lamps
More results


Similar Description - L6402ML11RI

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH Datasheet
1Mb / 65P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
SPANSION
AM29LV2562M SPANSION-AM29LV2562M Datasheet
1Mb / 69P
512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV320MH SPANSION-AM29LV320MH Datasheet
1Mb / 59P
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV6402M SPANSION-AM29LV6402M Datasheet
932Kb / 57P
128 Megabit (4 M x 32-Bit/8 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
S70GL256M00 SPANSION-S70GL256M00 Datasheet
1Mb / 60P
256 Megabit (8 M x 32-Bit/16 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with Versatile I/O Control
logo
Advanced Micro Devices
AM29LV128MH AMD-AM29LV128MH_07 Datasheet
1Mb / 66P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV2562M AMD-AM29LV2562M Datasheet
1Mb / 67P
512 Megabit (16 M x 32-Bit/32 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV320MH AMD-AM29LV320MH Datasheet
1Mb / 59P
32 Megabit (2 M x 16-Bit/4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results




About Advanced Micro Devices


Advanced Micro Devices, Inc. (AMD) is an American multinational semiconductor company based in Santa Clara, California.
It is a leading producer of microprocessors, graphics processors, and computer systems for the consumer, commercial, and professional markets.
AMD is known for its competitive CPU offerings, including the Ryzen and Epyc processor lines, as well as its Radeon graphics products.
Founded in 1969, AMD has a long history in the tech industry and has been a major player in the PC and server markets.
In recent years, the company has expanded its product offerings to address the growing demand for computing power in data centers, gaming, and artificial intelligence.
With a focus on innovation and advanced technology, AMD aims to deliver high-performance computing solutions to its customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com