Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO6401A Datasheet (PDF) - Guangdong Youtai Semiconductor Co., Ltd.

AO6401A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.
Part # AO6401A
Download  AO6401A Download
File Size   452.92 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V P-Channel MOSFET

AO6401A Datasheet (PDF)

Go To PDF Page Download Datasheet
AO6401A Datasheet PDF - Guangdong Youtai Semiconductor Co., Ltd.

Part # AO6401A
Download  AO6401A Click to download

File Size   452.92 Kbytes
Page   7 Pages
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.
Description 30V P-Channel MOSFET

AO6401A Datasheet (HTML) - Guangdong Youtai Semiconductor Co., Ltd.


AO6401A Product details

Product Summary
VDS (V) = -30V
ID = -5A (VGS = 10V)
RDS(ON) < 64m (VGS =-4.5V)
RDS(ON) < 47m (VGS =-10V)
RDS(ON) < 85m (VGS =-2.5V)




Similar Part No. - AO6401A

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6401A AOSMD-AO6401A Datasheet
772Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
AO6401A AOSMD-AO6401A Datasheet
242Kb / 5P
30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6401A KEXIN-AO6401A Datasheet
2Mb / 4P
P-Channel MOSFET
AO6401A-HF KEXIN-AO6401A-HF Datasheet
2Mb / 4P
P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6401A AOSMD-AO6401A_11 Datasheet
242Kb / 5P
30V P-Channel MOSFET
More results


Similar Description - AO6401A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3481 TSC-TSM3481 Datasheet
358Kb / 6P
30V P-Channel MOSFET
TSM3401 TSC-TSM3401_07 Datasheet
349Kb / 6P
30V P-Channel MOSFET
TSM4435 TSC-TSM4435_07 Datasheet
358Kb / 6P
30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3407A AOSMD-AO3407A_11 Datasheet
489Kb / 5P
30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4411 WHXPCB-AO4411 Datasheet
2Mb / 6P
30V P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM4459 TSC-TSM4459 Datasheet
62Kb / 4P
30V P-Channel MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com