Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-096SXXXDVL Datasheet (PDF) - Inventronics Inc.

EUD-096SXXXDVL Datasheet PDF - Inventronics Inc.
Part # EUD-096SXXXDVL
Download  EUD-096SXXXDVL Download
File Size   695.97 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W Programmable Driver with Ultra Long Lifetime

EUD-096SXXXDVL Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-096SXXXDVL Datasheet PDF - Inventronics Inc.

Part # EUD-096SXXXDVL
Download  EUD-096SXXXDVL Click to download

File Size   695.97 Kbytes
Page   13 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 96W Programmable Driver with Ultra Long Lifetime

EUD-096SXXXDVL Datasheet (HTML) - Inventronics Inc.


EUD-096SXXXDVL Product details

Features
 Innovative Design with No Electrolytic Capacitors
 Ultra Long Lifetime: Greater than 100,000 hrs at 85C Case
Temperature
 Full Power at Wide Output Current Range (Constant Power)
 0-10V/PWM/3-Timer-Modes Dimmable
 Dim-to-Off with Standby Power ≤ 0.5W
 Always-on Auxiliary Power: 12Vdc, 200mA
 Thermal Sensing and Protection for LED Module
 Output Lumen Compensation
 Input Surge Protection: DM 6kV, CM 10kV
 All-Around Protection: OVP, SCP, OTP
 IP67
 SELV Output
 10 Years Warranty
Description
The EUD-096SxxxDVL series is a novel 96W design that has removed the use of Electrolytic capacitors to extend
lifetime at elevated temperatures. It is a constant-current, programmable LED driver that operates from 90-305
Vac input with excellent power factor. Created for high bay, tunnel and street lights, it provides a dim-to-off mode
with low standby power. The high efficiency of these drivers and compact metal case enables them to run cooler,
significantly improving reliability and extending product life. To ensure trouble-free operation, protection is
provided against input surge, output over voltage, short circuit, and over temperature of both the driver and the
external LED array.




Similar Part No. - EUD-096SXXXDVL

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
More results


Similar Description - EUD-096SXXXDVL

ManufacturerPart #DatasheetDescription
logo
OptoSupply Internationa...
OSW44LS3C1A OPTOSUPPLY-OSW44LS3C1A Datasheet
109Kb / 1P
Long Lifetime Operation
logo
Inventronics Inc.
EUD-096SXXXDTA INVENTRONICS-EUD-096SXXXDTA Datasheet
862Kb / 16P
96W Programmable IP67 Driver
Rev.D
EUD-096SXXXDTL INVENTRONICS-EUD-096SXXXDTL Datasheet
787Kb / 14P
96W Programmable Driver with Ultra Long Lifetime
Rev.C
EUD-096SXXXDVA INVENTRONICS-EUD-096SXXXDVA Datasheet
676Kb / 12P
96W Programmable IP67 Driver
Rev. C
EUD-150SXXXDVL INVENTRONICS-EUD-150SXXXDVL Datasheet
765Kb / 13P
150W Programmable Driver with Ultra Long Lifetime
Rev. C
EUD-240SXXXDTL INVENTRONICS-EUD-240SXXXDTL Datasheet
895Kb / 14P
240W Pr ogrammable Driver with Ultra Long Lifetime
Rev. B
EUG-096SXXXDT INVENTRONICS-EUG-096SXXXDT Datasheet
1Mb / 17P
96W Programmable IP67 Driver
Rev. G
EUG-096SXXXDV INVENTRONICS-EUG-096SXXXDV Datasheet
836Kb / 13P
96W Programmable IP67 Driver
Rev. F
HUK-096SXXXDT INVENTRONICS-HUK-096SXXXDT Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
HUK-096SXXXDV INVENTRONICS-HUK-096SXXXDV Datasheet
1Mb / 15P
96W Programmable Driver for High Bay
Rev. A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com