Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUD-150S105BTA Datasheet (PDF) - Inventronics Inc.

EUD-150S105BTA Datasheet PDF - Inventronics Inc.
Part # EUD-150S105BTA
Download  EUD-150S105BTA Download
File Size   698.94 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Progr ammable IP67 Driver

EUD-150S105BTA Datasheet (PDF)

Go To PDF Page Download Datasheet
EUD-150S105BTA Datasheet PDF - Inventronics Inc.

Part # EUD-150S105BTA
Download  EUD-150S105BTA Click to download

File Size   698.94 Kbytes
Page   14 Pages
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.
Description 150W Progr ammable IP67 Driver

EUD-150S105BTA Datasheet (HTML) - Inventronics Inc.


EUD-150S105BTA Product details

Features
Ultra High Efficiency (Up to 94%)
Full Power at Wide Output Current Range (Constant Power)
Thermal Sensing and Protection for LED Module
0-10V/PWM/Timer Dimmable (3 Timer Modes) (DTA models)
DALI Dimming Control (BTA models)
Dim-to-Off with Standby Power ≤ 0.5 W
Always-on Auxiliary Power: 12Vdc, 200mA (Transient Peak
Current up to 400mA)
Output Lumen Compensation ( DTA models)
Input Surge Protection: 6kV line-line, 10kV line-earth
All-Around Protection: OVP, SCP, OTP
Waterproof (IP67) and UL Dry / Damp / Wet Location
SELV Output
TYPE HL, for use in a Class I, Division 2 hazardous
(Classified) location
7 Years Warranty
Description
The EUD-150SxxxDTA(BTA) series is a 150W, constant-current, programmable LED driver that operates from
90-305 Vac input with excellent power factor. Created for many lighting applications including high bay, tunnel
and roadway, it provides a dim-to-off mode with low standby power. The high efficiency of these drivers and
compact metal case enables them to run cooler, significantly improving reliability and extending product life. To
ensure trouble-free operation, protection is provided against input surge, output over voltage, short circuit, and
over temperature.




Similar Part No. - EUD-150S105BTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150S105BVA INVENTRONICS-EUD-150S105BVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
More results


Similar Description - EUD-150S105BTA

ManufacturerPart #DatasheetDescription
logo
Inventronics Inc.
EUD-150SXXXDVABVA INVENTRONICS-EUD-150SXXXDVABVA Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. D
EUG-150SXXXDT INVENTRONICS-EUG-150SXXXDT Datasheet
1,023Kb / 15P
150W Programmable IP67 Driver
Rev. F
EUG-150SXXXDV INVENTRONICS-EUG-150SXXXDV Datasheet
964Kb / 16P
150W Programmable IP67 Driver
Rev. I
EUM-030SXXXDX INVENTRONICS-EUM-030SXXXDX Datasheet
909Kb / 15P
30W Progr ammable IP66/IP67 Driver
Rev.C
EUD-150SXXXDT INVENTRONICS-EUD-150SXXXDT Datasheet
1Mb / 12P
150W Programmable IP67 Driver
Rev. F
EUD-150SXXXDV INVENTRONICS-EUD-150SXXXDV Datasheet
1Mb / 13P
150W Programmable IP67 Driver
Rev. E
EUD-200SXXXBT INVENTRONICS-EUD-200SXXXBT Datasheet
548Kb / 11P
200W Progr ammable IP67 Driver with DALI
Rev. I
EUK-096SXXXDT INVENTRONICS-EUK-096SXXXDT Datasheet
914Kb / 13P
96W Progr ammable IP67 Driver
Rev. D
EUK-150SXXXDV INVENTRONICS-EUK-150SXXXDV Datasheet
2Mb / 14P
150W Programmable IP67 Driver
Rev.E
EBD-150SXXXDVA INVENTRONICS-EBD-150SXXXDVA Datasheet
561Kb / 11P
150W Programmable IP67 Driver
Rev. D
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com