Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1809640 Datasheet (PDF) - PHOENIX CONTACT

1809640 Datasheet PDF - PHOENIX CONTACT
Part # 1809640
Download  1809640 Download
File Size   597.15 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/16-STZ-5,08 - PCB connector

1809640 Datasheet (PDF)

Go To PDF Page Download Datasheet
1809640 Datasheet PDF - PHOENIX CONTACT

Part # 1809640
Download  1809640 Click to download

File Size   597.15 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBC 2,5/16-STZ-5,08 - PCB connector

1809640 Datasheet (HTML) - PHOENIX CONTACT


1809640 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact connection type: Socket, number of potentials: 16, number of rows:
1, number of positions: 16, number of connections: 16, product range: MSTBC 2,5/..-STZ, pitch:
5.08 mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °,
locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5, locking: without, mounting:
without, type of packaging: packed in cardboard, Corresponding female crimp contacts with
current [A] and conductor cross section range [mm2] data: 10A/MSTBC-MT 0,5-1,0 (3190564);
10A/MSTBC-MT 0,5-1,0 BA (3190645); 12A/MSTBC-MT 1,5-2,5 (3190551); 12A/MSTBC-MT
1,5-2,5 BA (3190658). BA = Bandkontakte

Your advantages
• Inexpensive connection of large quantities of preassembled conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point




Similar Part No. - 1809640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809607 PHOENIX-1809607 Datasheet
51Kb / 3P
SMKDS 3/15-5,08
1809608 PHOENIX-1809608 Datasheet
152Kb / 6P
MSTBVA 2,5/12-G-5,08
1809608 PHOENIX-1809608 Datasheet
150Kb / 6P
MSTBV 2,5/12-G-5,08
1809608 PHOENIX-1809608 Datasheet
151Kb / 6P
MSTB 2,5/12-G-5,08
1809608 PHOENIX-1809608 Datasheet
149Kb / 6P
MSTBW 2,5/12-G-5,08
More results


Similar Description - 1809640

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809064 PHOENIX-1809064 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 4-STZ-5,08-R
1809527 PHOENIX-1809527 Datasheet
164Kb / 7P
MSTBC 2,5/ 4-STZ-5,08
1729137 PHOENIX-1729137 Datasheet
41Kb / 2P
Printed-circuit board connector - MSTBC 2,5/ 5-STZ-5,08 BK
1809145 PHOENIX-1809145 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/12-STZ-5,08-R
1809187 PHOENIX-1809187 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/16-STZ-5,08-R
1808955 PHOENIX-1808955 Datasheet
159Kb / 7P
MSTBC 2,5/16-ST-5,08
1809077 PHOENIX-1809077 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 5-STZ-5,08-R
1809080 PHOENIX-1809080 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 6-STZ-5,08-R
1809093 PHOENIX-1809093 Datasheet
145Kb / 5P
MSTBC 2,5/ 7-STZ-5,08-R
1809103 PHOENIX-1809103 Datasheet
65Kb / 3P
Printed-circuit board connector - MSTBC 2,5/ 8-STZ-5,08-R
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com